Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5943PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5943PWP
Description  16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5943PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5943PWP Datasheet HTML 6Page - Texas Instruments TLC5943PWP Datasheet HTML 7Page - Texas Instruments TLC5943PWP Datasheet HTML 8Page - Texas Instruments TLC5943PWP Datasheet HTML 9Page - Texas Instruments TLC5943PWP Datasheet HTML 10Page - Texas Instruments TLC5943PWP Datasheet HTML 11Page - Texas Instruments TLC5943PWP Datasheet HTML 12Page - Texas Instruments TLC5943PWP Datasheet HTML 13Page - Texas Instruments TLC5943PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
www.ti.com
TIMING DIAGRAMS
T
,T
,T
WH0
WH1
WL0
INPUT
(1)
CLOCK
INPUT
(1)
DATA/CONTROL
INPUT
(1)
T
,T
,T
,T
,T
,T
,T
,T ,T
SU0
SU1
SU2
SU3
SU4
SU5
SU6
H0
H1
H2
H3
,T ,T
T
SU
T
H
VCC
VCC
GND
VCC
GND
GND
50%
50%
50%
T
WH
T
WL
t ,t ,t ,t ,t ,t ,t ,t ,t ,t :
R0
R1
F0
F1
D0
D1
D2
D3
D4
D5
INPUT
(1)
50%
50%
90%
10%
OUTPUT
(2)
t
D
t ort
R
F
V
orV
L
OL
OUTn
V
orV
H
OH
OUTn
GND
VCC
TLC5943
SBVS101 – DECEMBER 2007
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 9. Input Timing
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
(2)
Input pulse high level is VCC and low level is GND.
Figure 10. Output Timing
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TLC5943


Similar Part No. - TLC5943PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943PWP TI1-TLC5943PWP Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWP TI1-TLC5943PWP Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWPG4 TI1-TLC5943PWPG4 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWPG4 TI1-TLC5943PWPG4 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWPR TI1-TLC5943PWPR Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results

Similar Description - TLC5943PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com