Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08L060 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08L060
Description  8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08L060 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC08L060 Datasheet HTML 1Page - National Semiconductor (TI) ADC08L060 Datasheet HTML 2Page - National Semiconductor (TI) ADC08L060 Datasheet HTML 3Page - National Semiconductor (TI) ADC08L060 Datasheet HTML 4Page - National Semiconductor (TI) ADC08L060 Datasheet HTML 5Page - National Semiconductor (TI) ADC08L060 Datasheet HTML 6Page - National Semiconductor (TI) ADC08L060 Datasheet HTML 7Page - National Semiconductor (TI) ADC08L060 Datasheet HTML 8Page - National Semiconductor (TI) ADC08L060 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
//htmlimg2.alldatasheet.net/htmldatasheet2/216520/NSC/ADC08L060/242/4/ADC08L060.png


Similar Part No. - ADC08L060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08L060CIMT NSC-ADC08L060CIMT Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060CIMT TI1-ADC08L060CIMT Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC08L060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com