Electronic Components Datasheet Search |
|
LMD18245 Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
LMD18245 Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 21 page Connection Diagram 01187802 Top View 15-Lead TO-220 Molded Power Package Order Number LMD18245T See NS Package Number TA15A Pinout Descriptions (See Functional Block and Connection Diagrams) Pin 1, OUT 1: Output node of the first half H-bridge. Pin 2, COMP OUT: Output of the comparator. If the voltage at CS OUT exceeds that provided by the DAC, the compara- tor triggers the monostable. Pin 3, RC: Monostable timing node. A parallel resistorca- pacitor network connected between this node and ground sets the monostable timing pulse at about 1.1 RC seconds. Pin 5, PGND: Ground return node of the power bridge. Bond wires (internaI) connect PGND to the tab of the TO-220 package. Pins 4 and 6 through 8, M4 through M1: Digital inputs of the DAC. These inputs make up a four-bit binary number with M4 as the most significant bit or MSB. The DAC pro- vides an analog voltage directly proportional to the binary number applied at M4 through M1. Pin 9, V CC: Power supply node. Pin 10, BRAKE: Brake logic input. Pulling the BRAKE input logic-high activates both sourcing switches of the power bridge — effectively shorting the load. See Table 1. Shorting the load in this manner forces the load current to recirculate and decay to zero. Pin 11, DIRECTION: Direction logic input. The logic level at this input dictates the direction of current flow in the load. See Table 1. Pin 12, SGND: Ground return node of all signal level circuits. Pin 13, CS OUT: Output of the current sense amplifier. The current sense amplifier sources 250 µA (typical) per ampere of total forward current conducted by the upper two switches of the power bridge. Pin 14, DAC REF: Voltage reference input of the DAC. The DAC provides an analog voltage equal to V DAC REF x D/16, where D is the decimal equivalent (0–15) of the binary number applied at M4 through M1. Pin 15, OUT 2: Output node of the second half H-bridge. TABLE 1. Switch Control Logic Truth Table BRAKE DIRECTION MONO Active Switches H X X Source 1, Source 2 L H L Source 2 L H H Source 2, Sink 1 L L L Source 1 L L H Source 1, Sink 2 X = don’t care MONO is the output of the monostable. www.national.com 2 |
Similar Part No. - LMD18245_06 |
|
Similar Description - LMD18245_06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |