Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177FP Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA177FP
Description  Precision OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA177FP Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA177FP Datasheet HTML 1Page - Burr-Brown (TI) OPA177FP Datasheet HTML 2Page - Burr-Brown (TI) OPA177FP Datasheet HTML 3Page - Burr-Brown (TI) OPA177FP Datasheet HTML 4Page - Burr-Brown (TI) OPA177FP Datasheet HTML 5Page - Burr-Brown (TI) OPA177FP Datasheet HTML 6Page - Burr-Brown (TI) OPA177FP Datasheet HTML 7Page - Burr-Brown (TI) OPA177FP Datasheet HTML 8Page - Burr-Brown (TI) OPA177FP Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
®
OPA177
APPLICATIONS INFORMATION
The OPA177 is unity-gain stable, making it easy to use and
free from oscillations in the widest range of circuitry. Ap-
plications with noisy or high impedance power supply lines
may require decoupling capacitors close to the device pins.
In most cases 0.1
µF ceramic capacitors are adequate.
The OPA177 has very low offset voltage and drift. To
achieve highest performance, circuit layout and mechanical
conditions must be optimized. Offset voltage and drift can
be degraded by small thermoelectric potentials at the op amp
inputs. Connections of dissimilar metals will generate ther-
mal potential which can mask the ultimate performance of
the OPA177. These thermal potentials can be made to cancel
by assuring that they are equal in both input terminals.
1. Keep connections made to the two input terminals close
together.
2. Locate heat sources as far as possible from the critical
input circuitry.
3. Shield the op amp and input circuitry from air currents
such as cooling fans.
OFFSET VOLTAGE ADJUSTMENT
The OPA177 has been laser-trimmed for low offset voltage
and drift so most circuits will not require external adjust-
ment. Figure 1 shows the optional connection of an external
potentiometer to adjust offset voltage. This adjustment should
not be used to compensate for offsets created elsewhere in a
system since this can introduce excessive temperature drift.
INPUT PROTECTION
The inputs of the OPA177 are protected with 500
Ω series
input resistors and diode clamps as shown in the simplified
circuit diagram. The inputs can withstand
±30V differential
inputs without damage. The protection diodes will, of course,
conduct current when the inputs are overdriven. This may
disturb the slewing behavior of unity-gain follower applica-
tions, but will not damage the op amp.
NOISE PERFORMANCE
The noise performance of the OPA177 is optimized for
circuit impedances in the range of 2k
Ω to 50kΩ. Total noise
in an application is a combination of the op amp’s input
voltage noise and input bias current noise reacting with
circuit impedances. For applications with higher source
impedance, the OPA627 FET-input op amp will generally
provide lower noise. For very low impedance applications,
the OPA27 will provide lower noise.
INPUT BIAS CURRENT CANCELLATION
The input stage base current of the OPA177 is internally
compensated with an equal and opposite cancellation cur-
rent. The resulting input bias current is the difference
between the input stage base current and the cancellation
current. This residual input bias current can be positive or
negative.
When the bias current is cancelled in this manner, the input
bias current and input offset current are approximately the
same magnitude. As a result, it is not necessary to balance
the DC resistance seen at the two input terminals (Figure 2).
A resistor added to balance the input resistances may actu-
ally increase offset and noise.
FIGURE 1. Optional Offset Nulling Circuit.
OPA177
V
2
3
1
8
Trim Range is approximately ±3.0mV
V+
20k
OUT
V
IN
Op Amp
(a)
R
B
OPA177
(b)
No bias current
cancellation resistor needed
Conventional op amp with
external bias current
cancellation resistor.
OPA177 with no external
bias current cancellation
resistor.
= R
2 || R1
R
2
R
1
R
2
R
1
FIGURE 2. Input Bias Current Cancellation.


Similar Part No. - OPA177FP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA177FP BURR-BROWN-OPA177FP Datasheet
135Kb / 7P
   Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA177FP TI1-OPA177FP Datasheet
302Kb / 11P
[Old version datasheet]   Precision OPERATIONAL AMPLIFIER
OPA177FPG4 TI1-OPA177FPG4 Datasheet
302Kb / 11P
[Old version datasheet]   Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA177FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com