Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177FP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA177FP
Description  Precision OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA177FP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA177FP Datasheet HTML 1Page - Burr-Brown (TI) OPA177FP Datasheet HTML 2Page - Burr-Brown (TI) OPA177FP Datasheet HTML 3Page - Burr-Brown (TI) OPA177FP Datasheet HTML 4Page - Burr-Brown (TI) OPA177FP Datasheet HTML 5Page - Burr-Brown (TI) OPA177FP Datasheet HTML 6Page - Burr-Brown (TI) OPA177FP Datasheet HTML 7Page - Burr-Brown (TI) OPA177FP Datasheet HTML 8Page - Burr-Brown (TI) OPA177FP Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©1990 Burr-Brown Corporation
PDS-1081E
Printed in U.S.A. August, 1997
OPA177
FEATURES
q LOW OFFSET VOLTAGE: 25
µV max
q LOW DRIFT: 0.3
µV/°C
q HIGH OPEN-LOOP GAIN: 130dB min
q LOW QUIESCENT CURRENT: 1.5mA typ
q REPLACES INDUSTRY-STANDARD OP
AMPS: OP-07, OP-77, OP-177, AD707,
ETC.
APPLICATIONS
q PRECISION INSTRUMENTATION
q DATA ACQUISITION
q TEST EQUIPMENT
q BRIDGE AMPLIFIER
q THERMOCOUPLE AMPLIFIER
Precision
OPERATIONAL AMPLIFIER
14k
500
Trim
8
V+
7
Trim
1
+In
3
–In
2
V–
4
25
30
V
6
O
20µA
500
DESCRIPTION
The OPA177 precision bipolar op amp feature very
low offset voltage and drift. Laser-trimmed offset,
drift and input bias current virtually eliminate the need
for costly external trimming. The high performance
and low cost make them ideally suited to a wide range
of precision instrumentation.
The low quiescent current of the OPA177 dramati-
cally reduce warm-up drift and errors due to thermo-
electric effects in input interconnections. It provides
an effective alternative to chopper-stabilized amplifi-
ers. The low noise of the OPA177 maintains accuracy.
OPA177 performance gradeouts are available. Pack-
aging
options
include
8-pin
plastic
DIP
and SO-8 surface-mount packages.
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
OPA177
OPA177
SBOS008


Similar Part No. - OPA177FP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA177FP BURR-BROWN-OPA177FP Datasheet
135Kb / 7P
   Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA177FP TI1-OPA177FP Datasheet
302Kb / 11P
[Old version datasheet]   Precision OPERATIONAL AMPLIFIER
OPA177FPG4 TI1-OPA177FPG4 Datasheet
302Kb / 11P
[Old version datasheet]   Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA177FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com