Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLBGA1100 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLBGA1100
Description  Panel Circuit Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBGA1100 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLBGA1100 Datasheet HTML 1Page - Toshiba Semiconductor TLBGA1100 Datasheet HTML 2Page - Toshiba Semiconductor TLBGA1100 Datasheet HTML 3Page - Toshiba Semiconductor TLBGA1100 Datasheet HTML 4Page - Toshiba Semiconductor TLBGA1100 Datasheet HTML 5Page - Toshiba Semiconductor TLBGA1100 Datasheet HTML 6Page - Toshiba Semiconductor TLBGA1100 Datasheet HTML 7Page - Toshiba Semiconductor TLBGA1100 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TL(BG,RP)A1100(T11)
2007-10-01
5
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents.
It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the
recommended conditions). In selecting the one for your actual usage, please perform sufficient review
on washing condition, using condition and etc.
ASAHI CLEAN AK-225AES
: (made by ASAHI GLASS)
KAO CLEAN TROUGH 750H
: (made by KAO)
PINE ALPHA ST-100S
: (made by ARAKAWA CHEMICAL)
TOSHIBA TECHNOCARE
: (made by GE TOSHIBA SILICONES)
(FRW-17, FRW-1, FRV-100)
Precautions when Mounting
Do not apply force to the plastic part of the LED under high-temperature conditions.
To avoid damaging the LED plastic, do not apply friction using a hard material.
When installing the PCB in a product, ensure that the device does not come into contact with other cmponents.
Tape Specifications
1. Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The
method of classification is as below. (This method, however, does not apply to products whose electrical
characteristics differ from standard Toshiba specifications.)
(1)
Tape Type: T11 (4-mm pitch)
(2)
Example
2.
Tape dimensions
Unit: mm
Symbol
Dimension
Tolerance
Symbol
Dimension
Tolerance
D
1.5
+0.1/−0
P2
2.0
±0.05
E
1.75
±0.1
W
8.0
±0.3
P0
4.0
±0.1
P
4.0
±0.1
t
0.3
±0.05
A0
2.9
±0.1
F
3.5
±0.05
B0
3.7
±0.1
D1
1.5
±0.1
K0
2.3
±0.1
TLRPA1100 (T11)
Tape type
Toshiba product No.
A0
P
D1
F
E
W
Polarity
t
K0
B0
D
P2
P0


Similar Part No. - TLBGA1100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLBA1100B TOSHIBA-TLBA1100B Datasheet
227Kb / 8P
   Panel Circuit Indicator
TLBC1002 TOSHIBA-TLBC1002 Datasheet
277Kb / 11P
   Panel Circuit Indicator
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLBD1060 TOSHIBA-TLBD1060 Datasheet
233Kb / 9P
   Panel Circuit Indicator
More results

Similar Description - TLBGA1100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com