Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5325N Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5325N
Description  R5325N SERIES MARK SPECIFICATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5325N Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5325N Datasheet HTML 1Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MARK INFORMATION
ME-R5325N-071121
R5325N SERIES MARK SPECIFICATION
SOT-23-6 (SC-74)
1
2
3
4
1
, 2 : Product Code (refer to Part Number vs. Product Code)
3
, 4 : Lot Number
Part Number vs. Product Code
Product
Code
Set VOUT
Product
Code
Set VOUT
Part Number
1
2
VR1
VR2
Part Number
1
2
VR1
VR2
R5325N001B
W
1
2.8V
2.8V
R5325N001A
Y
1
2.8V
2.8V
R5325N002B
W
2
2.8V
1.8V
R5325N002A
Y
2
2.8V
1.8V
R5325N003B
W
3
1.8V
3.0V
R5325N003A
Y
3
1.8V
3.0V
R5325N004B
W
4
2.5V
3.0V
R5325N004A
Y
4
2.5V
3.0V
R5325N005B
W
5
1.8V
2.5V
R5325N005A
Y
5
1.8V
2.5V
R5325N006B
W
6
1.8V
3.3V
R5325N006A
Y
6
1.8V
3.3V
R5325N007B
W
7
2.5V
2.8V
R5325N007A
Y
7
2.5V
2.8V
R5325N008B
W
8
1.2V
1.2V
R5325N008A
Y
8
1.2V
1.2V
R5325N009B
W
9
1.5V
1.6V
R5325N009A
Y
9
1.5V
1.6V
R5325N010B
W
A
1.5V
2.8V
R5325N010A
Y
A
1.5V
2.8V
R5325N011B
W
B
3.0V
3.0V
R5325N011A
Y
B
3.0V
3.0V
R5325N012B
W
C
3.1V
3.1V
R5325N012A
Y
C
3.1V
3.1V
R5325N013B
W
D
2.7V
1.8V
R5325N013A
Y
D
2.7V
1.8V
R5325N014B
W
G
1.8V
2.6V
R5325N014A
Y
G
1.8V
2.6V
R5325N015B
W
H
3.3V
3.3V
R5325N015A
Y
H
3.3V
3.3V
R5325N016B
W
E
2.85V
2.85V
R5325N016A
Y
E
2.85V
2.85V
R5325N017B
W
F
2.9V
2.9V
R5325N017A
Y
F
2.9V
2.9V
R5325N018B
W
J
1.2V
2.6V
R5325N018A
Y
J
1.2V
2.6V
R5325N019B
W
K
2.8V
2.9V
R5325N019A
Y
K
2.8V
2.9V
R5325N020B
W
L
1.2V
1.8V
R5325N020A
Y
L
1.2V
1.8V
R5325N021B
W
M
2.5V
1.2V
R5325N021A
Y
M
2.5V
1.2V
R5325N022B
W
N
2.7V
2.85V
R5325N022A
Y
N
2.7V
2.85V
R5325N023B
W
P
1.2V
2.8V
R5325N023A
Y
P
1.2V
2.8V
R5325N024B
W
Q
1.2V
3.0V
R5325N024A
Y
Q
1.2V
3.0V
R5325N025B
W
R
2.5V
2.9V
R5325N025A
Y
R
2.5V
2.9V
R5325N026B
W
S
1.2V
2.7V
R5325N026A
Y
S
1.2V
2.7V
R5325N027B
W
T
2.9V
1.8V
R5325N027A
Y
T
2.9V
1.8V
R5325N028B
W
U
1.5V
1.8V
R5325N028A
Y
U
1.5V
1.8V
R5325N029B
W
V
1.3V
2.8V
R5325N029A
Y
V
1.3V
2.8V
R5325N030B
W
W
3.45V
2.3V
R5325N026A
Y
W
3.45V
2.3V
R5325N031B
W
X
1.3V
1.8V
R5325N027A
Y
X
1.3V
1.8V
R5325N032B
W
Y
1.8V
1.8V
R5325N028A
Y
Y
1.8V
1.8V
R5325N033B
W
Z
3.1V
3.0V
R5325N029A
Y
Z
3.1V
3.0V


Similar Part No. - R5325N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5325N001A RICOH-R5325N001A Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
R5325N001B RICOH-R5325N001B Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
R5325N002A RICOH-R5325N002A Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
R5325N002B RICOH-R5325N002B Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
R5325N003A RICOH-R5325N003A Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
More results

Similar Description - R5325N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103K RICOH-RP103K Datasheet
26Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103N RICOH-RP103N Datasheet
24Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
R1180Q RICOH-R1180Q Datasheet
60Kb / 1P
   SERIES MARK SPECIFICATION
RP102N121B RICOH-RP102N121B Datasheet
25Kb / 1P
   MARK SPECIFICATION
R1173H RICOH-R1173H Datasheet
106Kb / 1P
   SERIES MARK SPECIFICATION
RP104K RICOH-RP104K Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
R3112D RICOH-R3112D Datasheet
83Kb / 1P
   R3112D SERIES MARK SPECIFICATION
R1131N RICOH-R1131N Datasheet
34Kb / 1P
   R1131N SERIES MARK SPECIFICATION
RN5RL RICOH-RN5RL Datasheet
24Kb / 1P
   RN5RL SERIES MARK SPECIFICATION
R5511H RICOH-R5511H Datasheet
24Kb / 1P
   MARK INFORMATION ME-R5511H-0510 R5511H SERIES MARK SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com