Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLGE68CG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLGE68CG
Description  LED Lamps for mounting on through-hole PCB using an automatic insertion machine
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLGE68CG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLGE68CG Datasheet HTML 1Page - Toshiba Semiconductor TLGE68CG Datasheet HTML 2Page - Toshiba Semiconductor TLGE68CG Datasheet HTML 3Page - Toshiba Semiconductor TLGE68CG Datasheet HTML 4Page - Toshiba Semiconductor TLGE68CG Datasheet HTML 5Page - Toshiba Semiconductor TLGE68CG Datasheet HTML 6Page - Toshiba Semiconductor TLGE68CG Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLRME68CG(F),TLYE68CG(F),TLGE68CG(F),TLFGE68CG(F)
2007-10-01
1
TOSHIBA InGaAℓP LED
TLRME68CG(F),TLYE68CG(F),TLGE68CG(F),TLFGE68CG(F)
LED Lamps for mounting on through-hole PCB using
an automatic insertion machine
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 3mm package wide viewing angle
• Can be mounted on a PCB using an automatic insertion machine
(please refer to mounting Precautions Using an Automatic Insertion
Machine)
• InGaAℓP
• Emitted colors: red, yellow and green
• Colored, Transparent lens
• Applications: Various types of information panels, indicators for
amusement
equipment
and
panel
backlighting
illumination sources
Lineup
Product Name
Color
Material
TLRME68CG(F)
Red
TLYE68CG(F)
Yellow
TLGE68CG(F)
Green
TLFGE68CG(F)
Green
P
InGaAl
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRME68CG(F)
50
4
120
TLYE68CG(F)
50
4
120
TLGE68CG(F)
50
4
120
TLFGE68CG(F)
50
4
120
−40~100
−40~120
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3U1
Weight: 0.15 g(Typ.)


Similar Part No. - TLGE68CG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGE68DG TOSHIBA-TLGE68DG Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
TLGE68DGF TOSHIBA-TLGE68DGF Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
TLGE68TG TOSHIBA-TLGE68TG Datasheet
319Kb / 7P
   TLSU268G
TLGE68TG TOSHIBA-TLGE68TG Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
TLGE68TGF TOSHIBA-TLGE68TGF Datasheet
319Kb / 7P
   TLSU268G
More results

Similar Description - TLGE68CG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSU268G TOSHIBA-TLSU268G_07 Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
TLRME68DG TOSHIBA-TLRME68DG Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
logo
Ohmite Mfg. Co.
RES-EY OHMITE-RES-EY Datasheet
467Kb / 2P
   Suitable for automatic machine insertion
logo
Nichicon corporation
ULV NICHICON-ULV Datasheet
231Kb / 2P
   Applicable to automatic mounting machine using carrier tape.
logo
Ohmite Mfg. Co.
E-SERIES OHMITE-E-SERIES Datasheet
275Kb / 1P
   Vertical through-hole PCB mounting
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
EX-SERIES OHMITE-EX-SERIES Datasheet
426Kb / 2P
   Vertical through-hole PCB mounting
SINK-E OHMITE-SINK-E Datasheet
711Kb / 2P
   Vertical through-hole PCB mounting
logo
Rohm
2SB1339 ROHM-2SB1339 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Ohmite Mfg. Co.
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com