Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSH1032 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLSH1032
Description  Panel Circuit Indicator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH1032 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLSH1032 Datasheet HTML 2Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 3Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 4Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 5Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 6Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 7Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 8Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 9Page - Toshiba Semiconductor TLSH1032 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TL(RH,RMH,SH,OH,YH,GH,FGH)1032(T14,F)
2006-06-06
6
TLSH1032
3
1
10
100
10
100
300
5
50
30
30
50
3
5
Forward voltage VF (V)
IF – VF
Forward current IF (mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
1
1.4
10
100
1.6
1.8
2.0
2.2
2.4
30
50
3
5
0.1
−40
1
10
−20
0
20
40
60
80
100
3
5
0.3
0.5
0
580
600
620
640
660
680
560
0.2
0.4
0.6
0.8
1.0
IF = 20 mA
Ta
= 25°C
Wavelength characteristic
(typ.)
(typ.)
(typ.)
(typ.)


Similar Part No. - TLSH1032

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSH1100 TOSHIBA-TLSH1100 Datasheet
371Kb / 10P
   PANEL CIRCUIT INDICATOR
TLSH1100B TOSHIBA-TLSH1100B Datasheet
292Kb / 13P
   Panel Circuit Indicator
TLSH1100T09 TOSHIBA-TLSH1100T09 Datasheet
371Kb / 10P
   PANEL CIRCUIT INDICATOR
TLSH1102 TOSHIBA-TLSH1102 Datasheet
292Kb / 6P
   SMT LEDs
logo
Marktech Corporate
TLSH1102B MARKTECH-TLSH1102B Datasheet
364Kb / 13P
   Panel Circuit Indicator
More results

Similar Description - TLSH1032

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com