Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLGF1060 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLGF1060
Description  Panel Circuit Indicator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLGF1060 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLGF1060 Datasheet HTML 1Page - Toshiba Semiconductor TLGF1060 Datasheet HTML 2Page - Toshiba Semiconductor TLGF1060 Datasheet HTML 3Page - Toshiba Semiconductor TLGF1060 Datasheet HTML 4Page - Toshiba Semiconductor TLGF1060 Datasheet HTML 5Page - Toshiba Semiconductor TLGF1060 Datasheet HTML 6Page - Toshiba Semiconductor TLGF1060 Datasheet HTML 7Page - Toshiba Semiconductor TLGF1060 Datasheet HTML 8Page - Toshiba Semiconductor TLGF1060 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TL(RF,SF,OF,YF,PYF,GF,FGF,PGF)1060(T18)
2006-05-30
4
TLRF1060
Ta = 25°C
Radiation pattern
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Wavelength characteristic
0
580
600
620
640
660
680
700
0.2
0.4
0.6
0.8
1.0
IF = 20 mA
Ta
= 25°C
IF – VF
Forward voltage VF (V)
Forward current IF (mA)
IV – IF
0.1
−40
1
10
−20
0
20
40
60
80
100
0.3
0.5
3
5
1
1.4
1.6
1.8
2.0
2.2
2.4
2.6
3
10
30
100
Ta
= 25°C
(typ.)
(typ.)
(typ.)
(typ.)
1
1
10
100
100
1000
10
30
3
300
3
30
Ta
= 25°C
(typ.)


Similar Part No. - TLGF1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLG1002 TOSHIBA-TLG1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLG123A TOSHIBA-TLG123A Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
TLG124A TOSHIBA-TLG124A Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
logo
List of Unclassifed Man...
TLG251 ETC1-TLG251 Datasheet
134Kb / 1P
   TLG251, TLY251, TLO251, TLS251
logo
Toshiba Semiconductor
TLG336S TOSHIBA-TLG336S Datasheet
262Kb / 6P
   LED LAMP 8.0mm(0.3inch)Character Height Numerical Display
More results

Similar Description - TLGF1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com