Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLPGU13CP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLPGU13CP
Description  Panel Circuit Indicator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGU13CP Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLPGU13CP Datasheet HTML 1Page - Toshiba Semiconductor TLPGU13CP Datasheet HTML 2Page - Toshiba Semiconductor TLPGU13CP Datasheet HTML 3Page - Toshiba Semiconductor TLPGU13CP Datasheet HTML 4Page - Toshiba Semiconductor TLPGU13CP Datasheet HTML 5Page - Toshiba Semiconductor TLPGU13CP Datasheet HTML 6Page - Toshiba Semiconductor TLPGU13CP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLGU13CP(F),TLGU13DP(F),TLPGU13CP(F),TLPGU13DP(F)
2007-10-01
6
TLPGU13DP(F)
IF – VF
IV – IF
IV – Tc
IF – Ta
Ta
= 25°C
40
0
120
30
0
20
40
10
20
60
80
100
10
1
100
10
0.3
100
3
5
30
50
1
Ta
= 25°C
2.0
2.3
50
30
10
3
1
1.7
2.1
5
100
1.8
1.9
2.2
Ta
= 25°C
20
−20
80
5
0.1
3
10
1
0.3
0.5
0
40
60
100
520
600
0.8
0
0.6
1.0
0.2
0.4
540
560
580
IF = 20 mA
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
Ambient temperature Ta (°C)
Radiation pattern
Forward voltage VF (V)
Forward current IF (mA)
Case temperature Tc (°C)
Wavelength
λ (nm)
Relative luminous intensity – Wavelength


Similar Part No. - TLPGU13CP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
582Kb / 19P
   LED LAMP PANEL CIRCUIT INDICATOR
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
324Kb / 17P
   Panel Circuit Indicator
logo
Marktech Corporate
TLPGU1002A MARKTECH-TLPGU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
270Kb / 17P
   Panel Circuit Indicator
TLPGU1002A TOSHIBA-TLPGU1002A Datasheet
270Kb / 17P
   TLOU1002AT02
More results

Similar Description - TLPGU13CP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com