Electronic Components Datasheet Search |
|
ISL3259EIRZ Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL3259EIRZ Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 15 page 5 FN6587.0 November 13, 2007 Receiver Input Resistance RIN -7V ≤ VCM ≤ 12V Full 54 80 - k Ω Receiver Short-Circuit Current IOSR 0V ≤ V O ≤ VCC Full ±20 - ±110 mA SUPPLY CURRENT No-Load Supply Current (Note 6) ICC DI = DE = 0V or VCC Full - 2.6 4 mA Shutdown Supply Current ISHDN DE = 0V, RE = VCC, DI = 0V or VCC Full - 0.05 1 µA ESD PERFORMANCE RS-485 Pins (A/Y, B/Z) IEC61000-4-2, Air-Gap Discharge Method 25 - ±15 - kV IEC61000-4-2, Contact Discharge Method 25 - ±8- kV Human Body Model, From Bus Pins to GND 25 - ±16.5 - kV All Pins HBM, per MIL-STD-883 Method 3015 25 - > ±9- kV Machine Model 25 - > ±400 - V DRIVER SWITCHING CHARACTERISTICS Maximum Data Rate fMAX VOD ≥ ±1.5V, RD = 54Ω, CL = 100pF (Figure 4) Full 100 - - Mbps Driver Differential Output Delay tDD RD = 54Ω, CD = 50pF (Figure 2) Full - 8 12 ns Driver Differential Output Skew tSKEW RD = 54Ω, CD = 50pF (Figure 2) Full - 0.5 1.5 ns Prop Delay Part-to-Part Skew tSKP-P RD = 54Ω, CD = 50pF (Figure 2), (Note 13) Full - - 4 ns Driver Differential Rise or Fall Time tR, tF RD = 54Ω, CD = 50pF (Figure 2) Full 2 5 8 ns Driver Enable to Output High tZH RL = 110Ω, CL = 50pF, SW = GND (Figure 3), (Note 8) Full - 13 20 ns Driver Enable to Output Low tZL RL = 110Ω, CL = 50pF, SW = VCC (Figure 3), (Note 8) Full - 11 20 ns Driver Enable Time Skew tENSKEW |tZH (Y or Z) - tZL (Z or Y)| Full - 2.5 - ns Driver Disable from Output High tHZ RL = 110Ω, CL = 50pF, SW = GND (Figure 3) Full - 14 20 ns Driver Disable from Output Low tLZ RL = 110Ω, CL = 50pF, SW = VCC (Figure 3) Full - 12 20 ns Driver Disable Time Skew tDISSKEW |tHZ (Y or Z) - tLZ (Z or Y)| Full - 3 - ns Time to Shutdown tSHDN (Note 10) Full 60 - 600 ns Driver Enable from Shutdown to Output High tZH(SHDN) RL = 110Ω, CL = 50pF, SW = GND (Figure 3), (Notes 10, 11) Full - - 1000 ns Driver Enable from Shutdown to Output Low tZL(SHDN) RL = 110Ω, CL = 50pF, SW = VCC (Figure 3), (Notes 10, 11) Full - - 1000 ns RECEIVER SWITCHING CHARACTERISTICS Maximum Data Rate fMAX VID = ±1.5V Full 100 - - Mbps Receiver Input to Output Delay tPLH, tPHL (Figure 5) Full - 9 13 ns Receiver Skew | tPLH - tPHL |tSKD (Figure 5) Full - 0 1.5 ns Prop Delay Part-to-Part Skew tSKP-P (Figure 5), (Note 13) Full - - 4 ns Receiver Enable to Output High tZH RL = 1kΩ, CL = 15pF, SW = GND (Figure 6), (Note 9) Full - - 12 ns Receiver Enable to Output Low tZL RL = 1kΩ, CL = 15pF, SW = VCC (Figure 6), (Note 9) Full - - 12 ns Receiver Disable from Output High tHZ RL = 1kΩ, CL = 15pF, SW = GND (Figure 6) Full - - 12 ns Electrical Specifications Test Conditions: VCC = 4.75V to 5.25V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C, (Note 5). (Continued) PARAMETER SYMBOL TEST CONDITIONS TEMP (°C) MIN (Note 14) TYP MAX (Note 14) UNITS ISL3259E |
Similar Part No. - ISL3259EIRZ |
|
Similar Description - ISL3259EIRZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |