Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT374PWE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HCT374PWE4
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT374PWE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HCT374PWE4 Datasheet HTML 1Page - Texas Instruments SN74HCT374PWE4 Datasheet HTML 2Page - Texas Instruments SN74HCT374PWE4 Datasheet HTML 3Page - Texas Instruments SN74HCT374PWE4 Datasheet HTML 4Page - Texas Instruments SN74HCT374PWE4 Datasheet HTML 5Page - Texas Instruments SN74HCT374PWE4 Datasheet HTML 6Page - Texas Instruments SN74HCT374PWE4 Datasheet HTML 7Page - Texas Instruments SN74HCT374PWE4 Datasheet HTML 8Page - Texas Instruments SN74HCT374PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54HCT374, SN74HCT374
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCLS005D − MARCH 1984 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT374
SN74HCT374
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
4.5 V
31
36
21
25
MHz
fmax
5.5 V
36
40
23
28
MHz
tpd
CLK
Any Q
4.5 V
30
36
54
45
ns
tpd
CLK
Any Q
5.5 V
25
32
49
41
ns
ten
OE
Any Q
4.5 V
26
30
45
38
ns
ten
OE
Any Q
5.5 V
23
27
41
34
ns
tdis
OE
Any Q
4.5 V
23
30
45
38
ns
tdis
OE
Any Q
5.5 V
22
27
41
34
ns
tt
Any Q
4.5 V
10
12
18
15
ns
tt
Any Q
5.5 V
9
11
16
14
ns
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT374
SN74HCT374
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
CLK
Any Q
4.5 V
40
46
69
58
ns
tpd
CLK
Any Q
5.5 V
35
41
62
52
ns
ten
OE
Any Q
4.5 V
34
40
60
50
ns
ten
OE
Any Q
5.5 V
29
36
54
45
ns
tt
Any Q
4.5 V
18
42
63
53
ns
tt
Any Q
5.5 V
16
38
57
48
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per flip-flop
No load
85
pF


Similar Part No. - SN74HCT374PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT374PWE4 TI-SN74HCT374PWE4 Datasheet
537Kb / 16P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74HCT374PWE4 TI-SN74HCT374PWE4 Datasheet
587Kb / 19P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74HCT374PWE4 TI1-SN74HCT374PWE4 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - SN74HCT374PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com