Electronic Components Datasheet Search |
|
AM26LS32ACPWG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
AM26LS32ACPWG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 23 page www.ti.com SWITCHING CHARACTERISTICS AM26LS32AC ,, AM26LS32AI,, AM26LS33AC AM26LS32AM, AM26LS33AM QUADRUPLE DIFFERENTIAL LINE RECEIVERS SLLS115E – OCTOBER 1980 – REVISED OCTOBER 2007 ELECTRICAL CHARACTERISTICS (continued) over recommended ranges of VCC, VIC, and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT IL Low-level enable current VI = 0.4 V –0.36 mA ri Input resistance VIC = –15 V to 15 V, One input to ac ground 12 15 k Ω Short-circuit output IOS VCC = MAX –15 –85 mA current(3) ICC Supply current VCC = MAX, All outputs disabled 52 70 mA (3) Not more than one output should be shorted to ground at a time, and duration of the short circuit should not exceed one second. VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Propagation delay time, low-to-high-level tPLH 20 35 output CL = 15 pF, See Figure 1 ns Propagation delay time, high-to-low-level tPHL 22 35 output tPZH Output enable time to high level 17 22 CL = 15 pF, See Figure 1 ns tPZL Output enable time to low level 20 25 tPHZ Output disable time from high level 21 30 CL = 15 pF, See Figure 1 ns tPLZ Output disable time from low level 30 40 (1) All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0. Copyright © 1980–2007, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): AM26LS32AC AM26LS32AI AM26LS33AC AM26LS32AM AM26LS33AM |
Similar Part No. - AM26LS32ACPWG4 |
|
Similar Description - AM26LS32ACPWG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |