Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3926 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3926
Description  짹 20A Integrated Current Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3926 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3926 Datasheet HTML 1Page - Texas Instruments UCC3926 Datasheet HTML 2Page - Texas Instruments UCC3926 Datasheet HTML 3Page - Texas Instruments UCC3926 Datasheet HTML 4Page - Texas Instruments UCC3926 Datasheet HTML 5Page - Texas Instruments UCC3926 Datasheet HTML 6Page - Texas Instruments UCC3926 Datasheet HTML 7Page - Texas Instruments UCC3926 Datasheet HTML 8Page - Texas Instruments UCC3926 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
UCC1926
UCC2926
UCC3926
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for VDD = 4.8V; all temperature
ranges and TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Programmable Amplifier Section (cont.)
PSRR
VDD = 4.8V to 10V
60
dB
VDD = 10V to 14V
60
dB
Common Mode Input Range
0.5
2.5
V
IIB, Input Bias Current (NI, INV)
–100
–350
nA
IIO, Input Offset Current
20
350
nA
VOL
INV – NI = 20mV, IO = 0
µA
100
200
mV
INV – NI = 20mV, IO = 200
µA
150
300
mV
VOH
NI – INV = 20mV, IO = –200
µA, (VDD – OUT)
1.2
2
V
VOH, Clamp
NI – INV = 20mV, VDD = 14V
6
7
8
V
IOL
OUT = 1.5V
1
3.5
mA
IOH
OUT = 1.5V
– 250
– 325
µA
Overcurrent Comparator Section
OC Comp Threshold
OCREF = 2V
2.00
2.05
V
Common Mode Range
(Note 1)
0.1
VDD
2
V
Hysteresis
20
40
60
mV
VOL
(OCREF – OUT) = 100mV, IOC = 100
µA
0.2
0.4
V
VOH, VDD – OC
(OUT – OCREF) = 100mV, IOC = –100
µA
0.2
0.4
V
Propagation Delay
(OUT – OCREF) =
± 100mV
90
175
ns
Note 1: Guaranteed by design. Not 100% tested in prodcution.
PIN DESCRIPTIONS
AOP: Positive output of the converted current signal.
Voltage from AOP to AON is the absolute value of the
transimpedance amplifier output. AOP may show some
“chopping”
noise.
The
differential
to
single-ended
conversion removes the common-mode noise between
AOP and AON.Some high frequency filtering of AOP to
GND can reduce the fast transient spikes. The output
stage of AOP is shown in Figure 1.
AON: Negative output of the converted current signal.
Voltage from AOP to AON is the absolute value of the
transimpedance amplifier output. AON may show some
“chopping”
noise.
The
differential
to
single-ended
conversion removes the common-mode noise between
AOP and AON. Some high frequency filtering of AON to
GND can reduce the fast transient spikes. Note that AON
is above GND voltage. The output stage of AON is shown
in Figure 1.
CSN: Input connection to one end of the internal current
sense shunt resistor. Nominal resistance from CSP to
CSN is 1.3m
Ω. The current shunt has a nominal
temperature coefficient of 3530 ppm/°C. The temperature
adjusted autozero gain is designed to cancel this temp
co. effect. CSN may be referenced to GND for low side
sensing or to VDD for high side sensing. CSP – CSN
may vary from ±75mV from either GND or VDD. Current
into CSN is defined as negative.
CSP: Input connection to the other end of the internal
current sense shunt resistor. Nominal resistance from
CSP to CSN is 1.3mW. The current shunt has a nominal
temperature coefficient of 3530 ppm/°C. The temperature
adjusted autozero gain should cancel this temp co. effect.
CSP may be referenced to GND for low side sensing or
to VDD for high side sensing. CSP – CSN may vary from
±75mV from either GND or VDD. Current into CSP is
defined as positive.
15K
100
AOP, AON
VDD
250
µA
ESD DIODE
CROSS SWITCH
IMPEDANCE
Figure 1. AOP and AON output stage.


Similar Part No. - UCC3926

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3926 TI-UCC3926 Datasheet
148Kb / 10P
[Old version datasheet]   HIGH-VOLTAGE HOT-SWAP POWER MANAGER
More results

Similar Description - UCC3926

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR7302-E MULTIDIMENSION-TMR7302-E Datasheet
646Kb / 9P
   Integrated Current Sensor
Version 1.0
logo
Melexis Microelectronic...
MLX91220 MELEXIS-MLX91220 Datasheet
1Mb / 38P
   MLX91220 Integrated Current Sensor IC
REVISION 3.0 - MAY 6, 2022
MLX91210 MELEXIS-MLX91210 Datasheet
1Mb / 18P
   MLX91210 Integrated Current Sensor IC
MLX91221 MELEXIS-MLX91221 Datasheet
1Mb / 37P
   MLX91221 Integrated Current Sensor IC
REVISION 2.0 - MAY 4, 2022
logo
International Rectifier
IR3742 IRF-IR3742_15 Datasheet
1Mb / 26P
   20A Integrated PowIRstage
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
logo
Murata Manufacturing Co...
BNX022-01 MURATA1-BNX022-01_V01 Datasheet
371Kb / 4P
   Large rated current (20A)
08/24/2022
BNX028-01 MURATA1-BNX028-01_V01 Datasheet
316Kb / 4P
   Large rated current (20A)
08/24/2022
BNX029-01 MURATA1-BNX029-01_V01 Datasheet
317Kb / 4P
   Large rated current (20A)
08/24/2022
BNX024H01 MURATA1-BNX024H01_V01 Datasheet
319Kb / 4P
   Supporting large current (20A)
08/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com