Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX24160 Datasheet(PDF) 4 Page - Synaptics Incorporated.

Part # CX24160
Description  Dual Digital Broadcast MPEG-2 Standard Definition TV Decoder with PVR Support
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX24160 Datasheet(HTML) 4 Page - Synaptics Incorporated.

  CX24160 Datasheet HTML 1Page - Synaptics Incorporated. CX24160 Datasheet HTML 2Page - Synaptics Incorporated. CX24160 Datasheet HTML 3Page - Synaptics Incorporated. CX24160 Datasheet HTML 4Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The CX2416x IC family is integrated into a fully engineered
interactive TV STB reference development system that implements
third-party interactive middleware/real-time operating system (RTOS)
software and provides a complete set of STB low-level drivers
based on the Nucleus+, VxWorks and Linux operating systems.
A mature and robust hardware abstraction layer is assured by
reuse of core driver libraries developed over three generations of
production MPEG ICs. The STB development platform hardware
is designed with a flexible architecture that supports multiple front-
end tuner/demodulator NIMS.
common Platform for Satellite, cable, and Terrestrial
STB manufacturers increasingly look to leverage a common
hardware platform that can be reused over various broadband
networks, including satellite, cable, terrestrial, DSL, and Ethernet
Internet protocol (IP) networks. Conexant’s CX2416x IC can serve
as a common back-end platform that easily interfaces to a variety
of broadband front-ends, including QPSK, QAM, OFDM, VSB,
ADSL/VDSL, 802.3, 802.11a/b/g, or IEEE 1394 through either TS
or PCI interface. This provides a flexible STB solution that can
be targeted to a variety of broadband operators while minimizing
hardware/software development costs.
The CX2416x is also fully compatible with the CX2418x
co-processor to provide bandwidth-efficient MPEG-4 AVC/
H.264-compliant advanced-compression bitstream decoding.
The company’s broad portfolio of semiconductor products also
includes client-side DSL and cable modem solutions, home
network processors, broadcast video encoders and decoders,
digital STB components and systems solutions, and dial-up
modems. In addition to its IEEE 802.11a/b/g-compliant wireless
local area network (WLAN) chipsets, software, and reference
designs, Conexant offers a suite of networking components
that includes solutions for applications based on HomePlug
and HomePNA. Additional products include a complete line
of asymmetric and symmetric DSL central office solutions,
which are used by service providers worldwide to deliver
broadband data, voice, and video over copper telephone lines.
cx2416x Part Number guide
The CX2416x IC family includes four base part numbers defined
by the functionality differences shown in Table 1.
Table 1 - cx2416x Base Part Numbers
Part Number
Pvr Support
BTSc encoder
CX24160
CX24161
X
CX24162
X
CX24163
X
X
The CX2416x includes optional license-based features optional as designated by the dash numbers in Table 2.
Table 2 - cx2416x Dash Number options
cx24160/1/2/3-mn
Dash Number:
-0n
-1n
-2n
-3n
Macrovision
4
4
Dolby Digital
4
4
m = optional feature combinations (0 thru 3)
n = die revision (e.g. n=1 for die rev A, 2 for die rev B etc.)


Similar Part No. - CX24160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX241 ETC-CX241 Datasheet
91Kb / 1P
   1.5Amp 120/240Vac AC Output Low Profile SIP
logo
Crydom Inc.,
CX241 CRYDOM-CX241 Datasheet
485Kb / 4P
   PCB Mount
CX241 CRYDOM-CX241 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CX241 CRYDOM-CX241 Datasheet
649Kb / 5P
   PCB Mount
logo
Synaptics Incorporated.
CX24108 CONEXANT-CX24108 Datasheet
249Kb / 2P
   Highly Integrated, Complete Broadband Satellite Front-End Solution
More results

Similar Description - CX24160

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX2417X CONEXANT-CX2417X Datasheet
799Kb / 4P
   Digital Broadcast High-Definition TV Decoder with PVR Support
CX24500 CONEXANT-CX24500 Datasheet
313Kb / 4P
   HDTV MPEG-2/H.264/VC-1 Video Decoder with PVR Support
logo
Broadcom Corporation.
BCM7411 BOARDCOM-BCM7411 Datasheet
129Kb / 2P
   AVC/MPEG HIGH-DEFINITION DECODER
logo
Fujitsu Component Limit...
MB86H23 FUJITSU-MB86H23 Datasheet
188Kb / 2P
   MPEG-2 Decoder with Macrovision
logo
Broadcom Corporation.
BCM7412 BOARDCOM-BCM7412 Datasheet
233Kb / 2P
   AVC/VC-1/MPEG HIGH-DEFINITION DECODER
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
NXP Semiconductors
SAA3500H PHILIPS-SAA3500H Datasheet
156Kb / 32P
   Digital audio broadcast channel decoder
2000 Jun 14
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
logo
STMicroelectronics
STB7109 STMICROELECTRONICS-STB7109 Datasheet
107Kb / 2P
   High definition AVC, VC-1 and MPEG-2 decoder with advanced security and connectivity
logo
Fujitsu Component Limit...
MB86H21 FUJITSU-MB86H21 Datasheet
191Kb / 3P
   MPEG-2 Decoder with Integrated NDS ICAM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com