Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP116 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP116
Description  PHOTO-IC PDP(Plasma Display Panel)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP116 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP116 Datasheet HTML 1Page - Toshiba Semiconductor TLP116 Datasheet HTML 2Page - Toshiba Semiconductor TLP116 Datasheet HTML 3Page - Toshiba Semiconductor TLP116 Datasheet HTML 4Page - Toshiba Semiconductor TLP116 Datasheet HTML 5Page - Toshiba Semiconductor TLP116 Datasheet HTML 6Page - Toshiba Semiconductor TLP116 Datasheet HTML 7Page - Toshiba Semiconductor TLP116 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP116
2007-10-01
4
Switching Characteristics
(Unless otherwise specified, Ta=-40 to 100
°C,VCC=4.5~5.5V)
Characteristic
Symbol
Test
Circuit
Conditions
Min.
Typ.
Max.
Unit
Propagation delay time
to logic high output
tpHL
IF=0→12mA
60
ns
Propagation delay time
to logic low output
tpLH
5
IF=12→0mA
RIN=100Ω
CL=15pF
(Note 5)
60
ns
Propagation delay time
to logic high output
tpHL
VIN=0→5V
(IF=0→8mA)
60
ns
Propagation delay time
to logic low output
tpLH
6
VIN=5→0V
(IF=8→0mA)
RIN=470Ω
CIN=27pF
CL=15pF
(Note 5)
60
ns
Switching time dispersion
between ON and OFF
|tpHL-
tpLH|
IF=12mA , RIN=100Ω,
CL=15pF (Note 5)
30
ns
Output fall time(90-10%)
tf
IF=0→12mA
15
ns
Output rise time(10-90%)
tr
5
IF=12→0mA
RIN=100Ω
CL=15pF
(Note 5)
15
ns
Common mode transient
immunity at high Level
output
CMH
VCM=1000Vp-p,IF=0mA,
Vo(Min)=4V,Ta=25
°C
10000
V/us
Common mode transient
immunity at low level
output
CML
7
VCM=1000Vp-p,IF=12mA,
Vo(Max)=0.4V,Ta=25
°C
-10000
V/us
*All typical values are at Ta=25
°C
Note 5 : CL is approximately 15pF which includes probe and Jig/stray wiring capacitance.
TEST CIRCUIT 1 : VOL
TEST CIRCUIT 2 : VOH
TEST CIRCUIT 3 : ICCL
TEST CIRCUIT 4: ICCH
V
CC
IF
VCC
GND
SHIELD
0.1uF
V
OL
1
3
6
5
4
V
IOL
V
CC
VCC
GND
SHIELD
0.1uF
V
OH
1
3
6
5
4
V
I
OH
1
6
VCC
GND
SHIELD
3
5
4
ICCL
A
IF
V
CC
VCC
GND
SHIELD
V
CC
1
3
6
5
4
ICCH
A


Similar Part No. - TLP116

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP116 TOSHIBA-TLP116 Datasheet
75Kb / 5P
   Digital Isolation for A/D,D/A Conversion. High Speed Line Receiver. Microprocessor System Interfaces. Plasma Display Panel.
TLP116A TOSHIBA-TLP116A Datasheet
274Kb / 9P
   PHOTOCOUPLER GaA?밃s LED & PHOTO-IC
More results

Similar Description - TLP116

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com