Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP130 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP130
Description  Programmable Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP130 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP130_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP130
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP130
Programmable Controllers
AC / DC
−Input Module
Telecommunication
The TOSHIBA mini flat coupler TLP130 is a small outline coupler,
suitable for surface mount assembly.
TLP130 consists of a photo transistor, optically coupled to two gallium
arsenide infrared emitting diode connected inverse parallel, and operate
directly by AC input current.
• Collector−emitter voltage: 80V(min.)
• Current transfer ratio: 50%(min.)
Rank GB: 100%(min.)
• Isolation voltage: 3750Vrms(min.)
• UL recognized: UL1577, file no.E67349
• Current transfer ratio
Current Transfer Ratio
IF = 5mA, VCE = 5V, Ta = 25°C
Classi
fication
Min.
Max.
Marking Of
Classification
Standard
50
600
Blank, Y, GR, GB
Rank GB
100
600
GB,GR
(Note) Application type name for certification test,
please use standard product type name, i.e.
TLP130(GB): TLP130
1 : Anode, Cathode
3 : Cathode, Anode
4 : Emitter
5 : Collector
6 : Base
5
4
3
1
6
Unit in mm
TOSHIBA
11−4C2
Weight: 0.09 g


Similar Part No. - TLP130_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
More results

Similar Description - TLP130_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com