Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP165J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP165J
Description  Photocoupler GaAs Ired & Photo-Triac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP165J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP165J_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP165J_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP165J_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP165J_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP165J
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & PhotoTriac
TLP165J
Triac Drive
Programmable Controllers
AC
−Output Module
Solid State Relay
The TOSHIBA mini flat coupler TLP165J is a small outline coupler,
suitable for surface mount assembly.
The TLP165J consists of a photo triac, optically coupled to a gallium
arsenide infrared emitting diode.
• Peak off−state voltage: 600 V (min.)
• Trigger LED current: 10 mA (max.)
• Onstate current: 70 mA (max.)
• Isolation voltage: 2500 Vrms (min.)
• UL recognized: UL1577, file no. E67349
• Option (V4) type
VDE approved: EN 60747-5-2 satisfied
Maximum operating insulation voltage: 565Vpk
Highest permissible over voltage: 4000Vpk
Trigger LED Current
*
Exp. rank IFT7: TLP165J (IFT7)
(Note 1) Application type name for certification test, please use standard product
type name, i.e.
TLP165J(IFT7): TLP165J
Pin Configurations
1 . Anode
3 . Cathode
4 . Terminal 1
6 . Terminal 2
1
3
6
4
Unit in mm
TOSHIBA
11−4C3
Weight: 0.09 g
Trigger LED Current (mA)
VT=6V, Ta=25°C
Type
(Note 1)
Min.
Max.
Marking Of
Classification
(IFT7)
7
T7
None
10
T7, blank


Similar Part No. - TLP165J_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP165J TOSHIBA-TLP165J Datasheet
161Kb / 4P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Similar Description - TLP165J_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com