Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1965 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1965
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1965 Datasheet HTML 2Page - Linear Technology LT1965 Datasheet HTML 3Page - Linear Technology LT1965 Datasheet HTML 4Page - Linear Technology LT1965 Datasheet HTML 5Page - Linear Technology LT1965 Datasheet HTML 6Page - Linear Technology LT1965 Datasheet HTML 7Page - Linear Technology LT1965 Datasheet HTML 8Page - Linear Technology LT1965 Datasheet HTML 9Page - Linear Technology LT1965 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1965
6
1965f
TYPICAL PERFORMANCE CHARACTERISTICS
Ripple Rejection vs Temperature
Minimum Input Voltage
Load Regulation
Output Noise Spectral Density
RMS Output Noise vs Load
Current (10Hz to 100kHz)
1.8V 10Hz to 100kHz
Output Noise
Reverse Output Current
Reverse Output Current
Ripple Rejection vs Frequency
OUTPUT VOLTAGE (V)
0
0
1
2
3
4
5
6
246
8
10
1965 G16
TJ = 25°C
VIN = 0V
CURRENT FLOWS INTO
OUTPUT PIN
VOUT = VADJ
0
0.10
0.20
0.30
0.40
0.50
0.05
0.15
0.25
0.35
0.45
1965 G17
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VIN = 0V
VOUT = 1.2V
60
80
100
70
90
1965 G19
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
IL = 0.75A
VIN = VOUT(NOMINAL) + 1V + 0.5P-P
RIPPLE AT f = 120Hz
0
1.0
2.0
2.5
0.5
1.5
1965 G20
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
IL = 500mA
IL = 1.1A
IL = 100mA
–16
–12
–8
–4
0
–14
–10
–6
–2
1965 G21
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VIN = 2.3V
ΔIL = 1mA TO 1.1A
0.01
0.10
1.00
FREQUENCY (Hz)
10
100
1k
10k
100k
1965 G22
VOUT = 3.3V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT
= 2.5V
COUT = 10μF
IL = 1.1A
LOAD CURRENT (A)
20
30
50
70
80
0.0001
0.01
0.1
10
10
0.001
1
60
40
0
1965 G23
VOUT = 2.5V
VOUT = 3.3V
VOUT = 1.8V
VOUT = 1.2V
COUT = 10μF
IL = 1.1A
VOUT = 1.5V
400
μs/DIV
VOUT
100
μV/DIV
1965 G24
COUT = 10μF
IL = 1.1A
FREQUENCY (Hz)
20
30
50
60
80
90
10
1k
10k
1M
10
100
100k
70
40
0
1965 G18
IL = 0.75A
COUT = 10μF CERAMIC
VIN = VOUT(NOMINAL)
+ 1V + 50mVRMS RIPPLE


Similar Part No. - LT1965

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1965 LINER-LT1965 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT1965 LINER-LT1965 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1965 LINER-LT1965 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT1965 LINER-LT1965 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
More results

Similar Description - LT1965

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965EMS8E LINER-LT1965EMS8E Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965_1 Datasheet
237Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com