Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4217EVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4217EVB
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4217EVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4217EVB Datasheet HTML 2Page - Semtech Corporation SC4217EVB Datasheet HTML 3Page - Semtech Corporation SC4217EVB Datasheet HTML 4Page - Semtech Corporation SC4217EVB Datasheet HTML 5Page - Semtech Corporation SC4217EVB Datasheet HTML 6Page - Semtech Corporation SC4217EVB Datasheet HTML 7Page - Semtech Corporation SC4217EVB Datasheet HTML 8Page - Semtech Corporation SC4217EVB Datasheet HTML 9Page - Semtech Corporation SC4217EVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SC4217
6
Typical Characteristics
Unless otherwise noted, typical values are taken under the conditions: T
AMBIENT=25°C, V
IN=3.3V, VO=2.5V, IO=2A, CIN=COUT=0.mF(Ceramic)+0mF(Tantalum)
)
Dropout Voltage vs Output Current
0
50
100
150
200
250
300
350
0
1
2
3
4
Output Current (A)
25°C
Dropout Voltage vs Temperature
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
Temperature ( °C )
IOUT =1A
IOUT =3A
ADJ Pin Leakage Current vs Temperature
80
82
84
86
88
90
-50
-25
0
25
50
75
100
Temperature ( °C )
VADJ=1.24V
Quiescent Current vs Input Voltage
0.0
0.5
1.0
1.5
2.0
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage ( V )
TAMBIENT = 85 °C
TAMBIENT = 25 °C
Enable Voltage High vs Temperature
0.50
0.75
1.00
1.25
1.50
1.75
-50
-25
0
25
50
75
100
Temperature ( °C )
VIN=5.5V
VIN=3.3V
VIN=1.8V
Enable Voltage Low vs Temperature
0.50
0.75
1.00
1.25
1.50
-50
-25
0
25
50
75
100
Temperature ( °C )
VIN=5.5V
VIN=3.3V
VIN=1.8V


Similar Part No. - SC4217EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4217EVB SEMTECH-SC4217EVB Datasheet
357Kb / 11P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results

Similar Description - SC4217EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216H SEMTECH-SC4216H Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216 SEMTECH-SC4216 Datasheet
219Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002 Datasheet
836Kb / 16P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-Amp Regulator With Enable
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com