Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM100DZ-24 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RM100DZ-24
Description  HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM100DZ-24 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RM100DZ-24 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM100DZ-24 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM100DZ-24 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb.1999
MITSUBISHI DIODE MODULES
RM100DZ/CZ-24,-2H
HIGH VOLTAGE MEDIUM POWER GENERAL USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
AC motor controllers, DC motor controllers, Battery DC power supplies,
DC power supplies for control panels, and other general DC power equipment
RM100DZ/CZ-24,-2H
• IF(AV)
Average forward current .......... 100A
• VRRM
Repetitive peak reverse voltage
..............1200/1600V
• DOUBLE ARMS
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
93.5
80
16.5
23
23
3–M5
2–
φ6.5
(CZ)
A1K2
SR1
K1
SR2
A2
A1
K1K2
A2
SR1
SR2
(DZ)
LABEL


Similar Part No. - RM100DZ-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM100DZ-H MITSUBISHI-RM100DZ-H Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-H MITSUBISHI-RM100DZ-H Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - RM100DZ-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM30TC-40 MITSUBISHI-RM30TC-40 Datasheet
48Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM15TC-40 MITSUBISHI-RM15TC-40 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100D2Z-40 MITSUBISHI-RM100D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM30DZ-24 MITSUBISHI-RM30DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TA-24 MITSUBISHI-RM20TA-24 Datasheet
70Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24_02 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM50D2Z-40 MITSUBISHI-RM50D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
TM25RZ-24 MITSUBISHI-TM25RZ-24 Datasheet
59Kb / 4P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-24 MITSUBISHI-RM60DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24 Datasheet
61Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com