Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83CNQ080GAPBF Datasheet(PDF) 9 Page - International Rectifier

Part # 83CNQ080GAPBF
Description  SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

83CNQ080GAPBF Datasheet(HTML) 9 Page - International Rectifier

  83CNQ080GAPBF Datasheet HTML 1Page - International Rectifier 83CNQ080GAPBF Datasheet HTML 2Page - International Rectifier 83CNQ080GAPBF Datasheet HTML 3Page - International Rectifier 83CNQ080GAPBF Datasheet HTML 4Page - International Rectifier 83CNQ080GAPBF Datasheet HTML 5Page - International Rectifier 83CNQ080GAPBF Datasheet HTML 6Page - International Rectifier 83CNQ080GAPBF Datasheet HTML 7Page - International Rectifier 83CNQ080GAPBF Datasheet HTML 8Page - International Rectifier 83CNQ080GAPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Preliminary Data Sheet PD-20809 09/04
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 09/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
5
2
4
3
1
-
Current Rating (80A)
2
-
C = Common Cathode
3
-
N = Module (Not Isolated)
4
-
Q = Schottky Q Series
5
-
Voltage Ratings
6
-
G = Schottky Generation
7
-
A
= D-61-8
(10 pieces)
ASL = D61-8-SL (20 pieces)
ASM = D61-8-SM (20 pieces)
8
-
none = Standard Production
PbF = Lead-Free
83
C
N
Q
100
G
A
-
6
7
080 = 80V
100 = 100V
8


Similar Part No. - 83CNQ080GAPBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
83CNQ080 MICROSEMI-83CNQ080 Datasheet
120Kb / 2P
   Schottky MiniMod
logo
Sangdest Microelectroni...
83CNQ080 SMC-83CNQ080 Datasheet
230Kb / 5P
   SCHOTTKY RECTIFIER
logo
International Rectifier
83CNQ080A IRF-83CNQ080A Datasheet
207Kb / 8P
   SCHOTTKY RECTIFIER
83CNQ080A IRF-83CNQ080A Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
83CNQ080A VISHAY-83CNQ080A Datasheet
125Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
More results

Similar Description - 83CNQ080GAPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
82CNQ030APBF IRF-82CNQ030APBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
83CNQ080APBF IRF-83CNQ080APBF Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045A IRF-110CNQ045A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
80CNQ35APBF IRF-80CNQ35APBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045APBF IRF-110CNQ045APBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
111CNQ045A IRF-111CNQ045A Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
85CNQ015APBF IRF-85CNQ015APBF Datasheet
176Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
113CNQ080A IRF-113CNQ080A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
InterFET Corporation
81CNQ035A INTERFET-81CNQ035A Datasheet
235Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com