Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3482QTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STG3482QTR
Description  Low voltage dual SP4T switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3482QTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STG3482QTR Datasheet HTML 6Page - STMicroelectronics STG3482QTR Datasheet HTML 7Page - STMicroelectronics STG3482QTR Datasheet HTML 8Page - STMicroelectronics STG3482QTR Datasheet HTML 9Page - STMicroelectronics STG3482QTR Datasheet HTML 10Page - STMicroelectronics STG3482QTR Datasheet HTML 11Page - STMicroelectronics STG3482QTR Datasheet HTML 12Page - STMicroelectronics STG3482QTR Datasheet HTML 13Page - STMicroelectronics STG3482QTR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STG3482
10/14
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 3.
QFN16L (2.6 x 1.8 mm) package outline


Similar Part No. - STG3482QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3155DTR STMICROELECTRONICS-STG3155DTR Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
   LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
   Low voltage low on-resistance SPDT switch with break-before-make feature
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
   LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results

Similar Description - STG3482QTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSA142MN12 INFINEON-BGSA142MN12 Datasheet
417Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142M2N12 INFINEON-BGSA142M2N12 Datasheet
381Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142GN12 INFINEON-BGSA142GN12 Datasheet
394Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
logo
Pasternack Enterprises,...
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
   SP4T Switch
logo
RF Micro Devices
RF1147 RFMD-RF1147 Datasheet
588Kb / 9P
   BROADBAND LOW POWER SP4T SWITCH
logo
Pasternack Enterprises,...
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
   SP4T Switch
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
   SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
   SP4T Switch
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
   Switch SP4T
logo
Pasternack Enterprises,...
PE71S6126 PASTERNACK-PE71S6126 Datasheet
439Kb / 4P
   SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com