Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8508IBDW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8508IBDW
Description  12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8508IBDW Datasheet(HTML) 4 Page - Texas Instruments

  ADS8508IBDW Datasheet HTML 1Page - Texas Instruments ADS8508IBDW Datasheet HTML 2Page - Texas Instruments ADS8508IBDW Datasheet HTML 3Page - Texas Instruments ADS8508IBDW Datasheet HTML 4Page - Texas Instruments ADS8508IBDW Datasheet HTML 5Page - Texas Instruments ADS8508IBDW Datasheet HTML 6Page - Texas Instruments ADS8508IBDW Datasheet HTML 7Page - Texas Instruments ADS8508IBDW Datasheet HTML 8Page - Texas Instruments ADS8508IBDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
ADS8508
SLAS433 – SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
At T
A = -40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference and fixed resistors (See Figure 28 and
Figure 29) (unless otherwise specified)
ADS8508IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
IIL
Low-level input current
VIL = 0 V
±10
µA
IIH
High-level input current
VIH = 5 V
±10
µA
DIGITAL OUTPUTS
Data format (Serial 16-bits)
Data coding (Binary 2's complement
or straight binary)
Pipeline delay (Conversion results
only available after completed con-
version.)
Data clock (Selectable for internal or
external data clock)
Internal clock (output only when
EXT/INT Low
9
MHz
transmitting data)
External clock (can run continually
EXT/INT High
0.1
26
but not recommended for optimum
MHz
performance)
VOL
Low-level output voltage
ISINK = 1.6 mA
0.4
V
VOH
High-level output voltage
ISOURCE = 500 µA
4
V
Leakage current
Hi-Z state,
±5
µA
VOUT = 0 V to VDIG
Output capacitance
Hi-Z state
15
pF
POWER SUPPLIES
VDIG
Digital input voltage
4.75
5
5.25
V
VANA
Analog input voltage
4.75
5
5.25
V
Must be
≤ V
ANA
IDIG
Digital input current
4
mA
IANA
Analog input current
10
mA
POWER DISSIPATION
PWRD Low
fS = 250 kHz
70
100
mW
PWRD High
50
µW
TEMPERATURE RANGE
Specified performance
-40
85
°C
Derated performance(9)
-55
125
°C
Storage
-65
150
°C
THERMAL RESISTANCE (
Θ
JA)
SO
75
°C/W
(9)
The internal reference may not be started correctly beyond the industrial temperature range (-40°C to 85°C), therefore use of an
external reference is recommended.
4


Similar Part No. - ADS8508IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8508IBDW TI1-ADS8508IBDW Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWG4 TI1-ADS8508IBDWG4 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWR TI1-ADS8508IBDWR Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWRG4 TI1-ADS8508IBDWRG4 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8508IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com