Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2418CS Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2418CS
Description  Telephone Tone Ringer with Bridge Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2418CS Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2418CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2418CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS2418 Series
Telephone Tone Ringer with Bridge Diode
5/6
Version: A07
DIP-8 Mechanical Drawing
DIP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
9.07
9.32
0.357
0.367
B
6.22
6.48
0.245
0.255
C
3.18
4.45
0.125
0.135
D
0.35
0.55
0.019
0.020
G
2.54 (typ)
0.10 (typ)
J
0.29
0.31
0.011
0.012
K
3.25
3.35
0.128
0.132
L
7.75
8.00
0.305
0.315
M
-
10
o
-
10
o


Similar Part No. - TS2418CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2418CS TSC-TS2418CS Datasheet
117Kb / 4P
   Telephone tone ringer with bridge diode
More results

Similar Description - TS2418CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_08 Datasheet
279Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Wing Shing Computer Com...
WS2418 WINGS-WS2418 Datasheet
102Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
System Logic Semiconduc...
SL2418 SLS-SL2418 Datasheet
33Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
List of Unclassifed Man...
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418 Datasheet
117Kb / 4P
   Telephone tone ringer with bridge diode
logo
Wing Shing Computer Com...
KA2418 WINGS-KA2418 Datasheet
103Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
List of Unclassifed Man...
IN2418 ETC-IN2418 Datasheet
152Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
Integral Corp.
IL6840 INTEGRAL-IL6840 Datasheet
297Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com