Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61165 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165
Description  High Brightness White LED Driver in 2mm x 2mm QFN Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61165 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61165 Datasheet HTML 3Page - Texas Instruments TPS61165 Datasheet HTML 4Page - Texas Instruments TPS61165 Datasheet HTML 5Page - Texas Instruments TPS61165 Datasheet HTML 6Page - Texas Instruments TPS61165 Datasheet HTML 7Page - Texas Instruments TPS61165 Datasheet HTML 8Page - Texas Instruments TPS61165 Datasheet HTML 9Page - Texas Instruments TPS61165 Datasheet HTML 10Page - Texas Instruments TPS61165 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
t-20
s/div
m
PWM5V/div
VOUT 50mV/div AC
I
200mA/div
LED
SW5V/div
t-400ns/div
VOUT 200mV/div AC
I 500mA/div
L
CTRL 5V/div
VOUT 5V/div
COMP 500mV/div
I 500mA/div
L
t-2ms/div
OPENLED5V/div
FB200mV/div
VOUT 10V/div
I 200mA/div
L
t-100
s/div
m
TPS61165
SLVS790 – NOVEMBER 2007
OUTPUT RIPPLE at PWM DIMMING
SWITCHING WAVEFORM
Figure 8.
Figure 9.
START-UP
OPEN LED PROTECTION
Figure 10.
Figure 11.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS61165


Similar Part No. - TPS61165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI1-TPS61165 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
[Old version datasheet]   High Brightness White LED Driver in SOT-23 Package
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
TPS61165DBV TI-TPS61165DBV Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165DBVR TI-TPS61165DBVR Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
More results

Similar Description - TPS61165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com