Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5214CW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS5214CW
Description  300mA Low Noise LDO Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5214CW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS5214CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS5214
300mA Low Noise LDO Voltage Regulator
3/7
Version: C07
Application Information
TS5214 is designed to provide 300mA (5V version) of continuous current in a very small package. Maximum power
dissipation can be calculated based on the output current and the voltage drop across the part. To determine the
maximum power dissipation of the package, use the junction-ambient thermal resistance of the device and the
following basic equation:
PD(max) = [ TJ(max) – Ta ] /ΘJA
TJ (max) is the maximum junction temperature of the die(125
oC), and Ta is the ambient operating temperature. ΘJA is
layout dependent, the actual power dissipation of the regulator circuit can be determined using the equation:
PD = ( VIN – Vout ) * Iout + VIN * Ignd
Substituting Pd(max) for Pd and solving for the operating conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For example, when operating the TS5214CX33 at room
temperature with a minimum footprint layout, the maximum input voltage for a set output current can be determined
as follows:
PD(max) = (125oC – 25oC) / 220oC/W
PD(max) = 455mW
The junction to ambient thermal resistance for the minimum footprint is 220
oC/W, the maximum power dissipation
must not be exceeded for proper operation. Using the output voltage of 3.3V and an output current of 120mA, the
maximum input voltage can be determined. From the electrical characteristics table, the maximum ground current for
120mA output current is 2.5mA.
445mW = (VIN – 3.3V ) * 120mA + VIN * 2.5mA
445mW = VIN * 120mA – 3.3 * 120mA + VIN * 2.5mA
445mW = VIN * 120mA – 395mW + VIN * 2.5mA
840mW = VIN * 122.5mA
VIN (max) = 6.85V
Therefore, a 3.3V application at 120mA of output current can accept a maximum input voltage of 6.85V in a SOT-23
package.
Input Capacitor Requirement
An input capacitor of 0.1uF or greater is recommended when the device is more than 10” away from the bulk AC
supply capacitance or when the supply is a battery.
Output Capacitor Requirement
TS5214 requires an output capacitor to maintain stability and improve transient response is necessary. 2.2uF
minimum is recommended. Larger values improve the regulator’s transient response. The output capacitor value
may be increased without limit.
The output capacitor should have an ESR (effective series resistance) less than 5Ω and a resonant frequency above
1MHz. Ultra low ESR capacitors can cause a low amplitude oscillation on the output and/or under damped transient
response. Most of tantalum or aluminum electrolytic capacitors are adequate; film types will work. Since many
aluminum electrolytic have electrolytes that freeze at about –30
oC, solid tantalums are recommended for operation
below –25
oC. At lower values of output current, less output capacitance is required for output stability. The capacitor
can be reduced to 0.47uF for current below 10mA or 0.33uF for currents below 1mA.
No Load Stability
TS5214 will remain stable and in regulation with no load, unlike many other voltage regulators. This is especially
important in CMOS RAM keep alive applications.
Dual Supply Operation
When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must
be diode clamped to ground.


Similar Part No. - TS5214CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5214CWRP TSC-TS5214CWRP Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
More results

Similar Description - TS5214CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com