Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9000 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS9000
Description  300mA CMOS LDO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9000 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS9000_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9000_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9000_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9000_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9000_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9000_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS9000
300mA CMOS LDO
5/6
Version: A07
SOT-23 Mechanical Drawing
Marking Diagram
L = Product Code
L: TS9000
L: TS9000A
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
X = Fixed Output Voltage Code
K=2.5V, M=2.7V, N=2.8V, P=3.0V,
S=3.3V, U=3.5V, V=3.6V, X=3.8V
SOT-23 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
0.95 BSC
0.037 BSC
A1
1.9 BSC
0.074 BSC
B
2.60
3.00
0.102
0.118
C
1.40
1.70
0.055
0.067
D
2.80
3.10
0.110
0.122
E
1.00
1.30
0.039
0.051
F
0.00
0.10
0.000
0.004
G
0.35
0.50
0.014
0.020
H
0.10
0.20
0.004
0.008
I
0.30
0.60
0.012
0.024
J
10º
10º


Similar Part No. - TS9000_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9000AKCT TSC-TS9000AKCT Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
TS9000AKCX TSC-TS9000AKCX Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
TS9000AKCY TSC-TS9000AKCY Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
TS9000AMCT TSC-TS9000AMCT Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
TS9000AMCX TSC-TS9000AMCX Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
More results

Similar Description - TS9000_07

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com