Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9011 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011
Description  250mA Low Quiescent Current CMOS LDO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9011 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS9011
250mA Low Quiescent Current CMOS LDO
3/6
Version: B07
TO-92 Mechanical Drawing
Marking Diagram
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
X = Fixed Output Voltage Code
A=1.5V, D=1.8V, K=2.5V, P=3.0V, N=2.8V,
S=3.3V, 5=5.0V.
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017


Similar Part No. - TS9011

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
TS9011 TSC-TS9011 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS90115CT TSC-TS90115CT Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
TS90115CX TSC-TS90115CX Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
TS90115CXRFG TSC-TS90115CXRFG Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results

Similar Description - TS9011

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
   250mA, 40V Ultralo-Quiescent-Current LDO
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com