Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6260KLJTR-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6260KLJTR-T
Description  High Brightness LED Current Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6260KLJTR-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6260KLJTR-T Datasheet HTML 1Page - Allegro MicroSystems A6260KLJTR-T Datasheet HTML 2Page - Allegro MicroSystems A6260KLJTR-T Datasheet HTML 3Page - Allegro MicroSystems A6260KLJTR-T Datasheet HTML 4Page - Allegro MicroSystems A6260KLJTR-T Datasheet HTML 5Page - Allegro MicroSystems A6260KLJTR-T Datasheet HTML 6Page - Allegro MicroSystems A6260KLJTR-T Datasheet HTML 7Page - Allegro MicroSystems A6260KLJTR-T Datasheet HTML 8Page - Allegro MicroSystems A6260KLJTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
High Brightness LED Current Regulator
A6260
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Block Diagram
LA
VIN
SENSE
Reg
GND
Reference
Generator
EN
VBATT
R S
Current
Regulator
Current Limited
Switch
Slew
Limit
LSS
Output
Monitor
Temp
Monitor
Temp
Comp
LC
Control
Logic
THTH
RTH
Terminal List Table
Number
Name
Description
1
SENSE
Current sense input
2
GND
Ground reference
3
THTH
Thermal threshold input
4
EN
Enable input
5
VIN
Main supply
6
LA
LED anode (+) connection
7
LC
LED cathode (-) connection
8
LSS
Low-side sense connection
8
7
6
5
1
2
3
4
LSS
LC
LA
VIN
SENSE
GND
THTH
EN
Pin-out Diagram


Similar Part No. - A6260KLJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
More results

Similar Description - A6260KLJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
OSRAM GmbH
F2000D OSRAM-F2000D Datasheet
212Kb / 6P
   InGaAlP-High Brightness-Lumineszenzdiode (617nm, High Current and Flux), InGaAlP High Brightness LED (617nm, High Current and Flux)
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Shenzhen Huazhimei Semi...
HM9950 HMSEMI-HM9950 Datasheet
775Kb / 9P
   brightness LED constant current drive controller
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
   Constant Current Switching Converter for High Brightness LED Driving
logo
Micrel Semiconductor
MAQ3203 MICREL-MAQ3203_15 Datasheet
1Mb / 23P
   High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203 MICREL-MAQ3203 Datasheet
786Kb / 23P
   High-Brightness LED Driver Controller with High-Side Current Sense
MIC3203 MICREL-MIC3203 Datasheet
767Kb / 21P
   High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203YM MICREL-MAQ3203YM Datasheet
786Kb / 23P
   High-Brightness LED Driver Controller with High-Side Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com