Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS78L03CTA3 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS78L03CTA3
Description  3-Terminal 100mA Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L03CTA3 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS78L03CTA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78L03CTA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78L03CTA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L03CTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L03CTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L03CTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L03CTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L03CTA3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L03CTA3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
3/12
Version: B07
TS78L06 Electrical Characteristics
Vin=12V, Iout=40mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
5.76
6
6.24
Output voltage
Vout
8.5V≤Vin≤21V,
5mA≤Iout≤100mA
5.70
6
6.30
V
Line Regulation
REGline
Tj=25
oC
8.5V≤Vin≤21V
Iout=40mA
--
50
150
5mA≤Iout≤100mA
--
12
60
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤40mA
--
4
30
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
8.5V≤Vin≤21V
--
--
1.5
Quiescent Current Change
ΔIq
5mA≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
40
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 8.5V≤Vin≤21V
41
49
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout= 5mA, 0
oC≤Tj≤125oC
--
-0.75
--
mV/
oC
TS78L08 Electrical Characteristics
Vin=14V, Iout=40mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
7.69
8
8.32
Output voltage
Vout
10.5V≤Vin≤23V,
5mA≤Iout≤100mA
7.61
8
8.40
V
Line Regulation
REGline
Tj=25
oC
10.5V≤Vin≤23V
Iout=40mA
--
80
160
5mA≤Iout≤100mA
--
25
80
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤40mA
--
10
40
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
10.5V≤Vin≤23V
--
--
1.5
Quiescent Current Change
ΔIq
5mA≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
60
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 10.5V≤Vin≤23V
37
57
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-0.8
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Similar Part No. - TS78L03CTA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L03CTA3 TSC-TS78L03CTA3 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
More results

Similar Description - TS78L03CTA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com