Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS317L Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TS317L
Description  3-Terminal Adjustable Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317L Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS317L_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS317L_07 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS317L
3-Terminal Adjustable Positive Voltage Regulator
10/11
Version: B07
SOP-8 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Similar Part No. - TS317L_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
More results

Similar Description - TS317L_07

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com