Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS78L18CTA3 Datasheet(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

Part # TS78L18CTA3
Description  3-Terminal 100mA Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L18CTA3 Datasheet(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS78L18CTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L18CTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L18CTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L18CTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L18CTA3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L18CTA3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS78L18CTA3 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS78L18CTA3 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS78L18CTA3 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
10/12
Version: B07
SOP-8 Mechanical Drawing
Marking Diagram
XX = Output Voltage
(03=3.3V, 05=5V, 06=6V, 08=8V, 09=9V, 12=12V, 15=15V, 18=18V, 24=24V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Similar Part No. - TS78L18CTA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L12ACYRM TSC-TS78L12ACYRM Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L12CSRL TSC-TS78L12CSRL Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L12CTA3 TSC-TS78L12CTA3 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L12CTB0 TSC-TS78L12CTB0 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L15ACYRM TSC-TS78L15ACYRM Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
More results

Similar Description - TS78L18CTA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com