Electronic Components Datasheet Search |
|
TS78L24CSRL Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
TS78L24CSRL Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
4 / 12 page TS78L00 Series 3-Terminal 100mA Positive Voltage Regulator 4/12 Version: B07 TS78L09 Electrical Characteristics Vin=15V, Iout=40mA, 0 oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Condition Min Typ Max Unit Tj=25 oC 8.65 9 9.36 Output voltage Vout 11.5V≤Vin≤23V, 5mA≤Iout≤100mA 8.57 9 9.45 V Line Regulation REGline Tj=25 oC 11.5V≤Vin≤23V Iout=40mA -- 90 180 5mA≤Iout≤100mA -- 30 90 Load Regulation REGload Tj=25 oC 5mA≤Iout≤40mA -- 15 45 mV Quiescent Current Iq Iout=0, Tj=25 oC -- 3 6 11.5V≤Vin≤23V -- -- 1.5 Quiescent Current Change ΔIq 5mA≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz≤f≤100KHz, Tj=25 oC -- 60 -- µV Ripple Rejection Ratio RR f=120Hz, 11.5V≤Vin≤23V 37 57 -- dB Voltage Drop Vdrop Iout=100mA, Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A Temperature Coefficient of Output Voltage ΔVout/ ΔTj Iout=5mA, 0 oC≤Tj≤125oC -- -0.9 -- mV/ oC TS78L12 Electrical Characteristics Vin=19V, Iout=40mA, 0 oC ≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Condition Min Typ Max Unit Tj=25 oC 11.53 12 12.48 Output voltage Vout 14.5V≤Vin≤27V, 5mA≤Iout≤100mA 11.42 12 12.60 V Line Regulation REGline Tj=25 oC 14.5V≤Vin≤27V Iout=40mA -- 120 240 5mA≤Iout≤100mA -- 40 120 Load Regulation REGload Tj=25 oC 5mA≤Iout≤40mA -- 20 60 mV Quiescent Current Iq Iout=0, Tj=25 oC -- 3 6.5 14.5V≤Vin≤27V -- -- 1.5 Quiescent Current Change ΔIq 5mA≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz≤f≤100KHz, Tj=25 oC -- 80 -- µV Ripple Rejection Ratio RR f=120Hz, 14.5V≤Vin≤27V 37 42 -- dB Voltage Drop Vdrop Iout=100mA, Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A Temperature Coefficient of Output Voltage ΔVout/ ΔTj Iout=5mA, 0 oC≤Tj≤125oC -- -1.0 -- mV/ oC Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. |
Similar Part No. - TS78L24CSRL |
|
Similar Description - TS78L24CSRL |