Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS431BITA3 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS431BITA3
Description  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431BITA3 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS431BITA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431BITA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431BITA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431BITA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431BITA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431BITA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431BITA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431BITA3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431BITA3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS431I
Adjustable Precision Shunt Regulator
1/13
Version: A07
TO-92
SOT-89
SOT-23
SOP-8
General Description
The TS431I/431AI/431BI integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic
IC voltage references operate as a low temperature coefficient zener which is programmable from Vref to 36 volts with
two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic
impedance of 0.22Ω. The characteristics of these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5volt reference makes it
convenient to obtain a stable reference from 5.0volt logic supplies, and since The TS431I/431AI/431BI operates as a
shunt regulator, it can be used as either a positive or negative stage reference.
Features
Precision Reference Voltage
TS431I – 2.495V±2%
TS431AI – 2.495V±1%
TS431BI – 2.495V±0.5%
Equivalent Full Range Temp. Coefficient: 50ppm/ ºC
Programmable Output Voltage up to 36V
Fast Turn-On Response
Sink Current Capability of 1~100mA
Low Dynamic Output Impedance: 0.2Ω
Low Output Noise
Ordering Information
Part No.
Package
Packing
TS431xIT B0
TO-92
1Kpcs / Bulk
TS431xIT A3
TO-92
2Kpcs / Ammo
TS431xIX RF
SOT-23
3Kpcs / 7” Reel
TS431xIY RM
SOT-89
1Kpcs / 7” Reel
TS431xIS RL
SOP-8
2.5Kpcs / 2.5” Reel
Note: Where xx denotes voltage tolerance
Blank: ±2%
A: ±1%
B: ±0.5%
Application
Voltage Monitor
Delay Timmer
Constant –Current Source/Sink
High-Current Shunt Regulator
Crow Bar
Over-Voltage / Under-Voltage Protection
Block Diagram
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
Vka
37
V
Continuous Cathode Current Range
Ik
-100 ~ +150
mA
Reference Input Current Range
Iref
-0.05 ~ +10
mA
Power Dissipation
TO-92
SOT-23
SOT-89 / SOP-8
Pd
0.625
0.30
0.50
W
Junction Temperature
Tj
+150
oC
Operating Temperature Range
Toper
-40 ~ +85
oC
Storage Temperature Range
Tstg
-65 ~ +150
oC
Note 1: Voltage values are with respect to the anode terminal unless otherwise noted.
Pin Definition:
1. Reference
2. Cathode
3. Anode
Pin Definition:
1. Cathode
8. Reference
2. Anode
7. Anode
3. Anode
6. Anode
4. N/C
5. N/C
Pin Definition:
1. Reference
2. Anode
3. Cathode


Similar Part No. - TS431BITA3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431BI STMICROELECTRONICS-TS431BI Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
TS431BILT STMICROELECTRONICS-TS431BILT Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
TS431BILT STMICROELECTRONICS-TS431BILT Datasheet
128Kb / 12P
   Low voltage adjustable shunt reference
TS431BIYLT STMICROELECTRONICS-TS431BIYLT Datasheet
128Kb / 12P
   Low voltage adjustable shunt reference
TS431BIYLT1 STMICROELECTRONICS-TS431BIYLT1 Datasheet
141Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
More results

Similar Description - TS431BITA3

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com