Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCH245ADGVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVCH245ADGVRG4
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH245ADGVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVCH245ADGVRG4 Datasheet HTML 2Page - Texas Instruments SN74LVCH245ADGVRG4 Datasheet HTML 3Page - Texas Instruments SN74LVCH245ADGVRG4 Datasheet HTML 4Page - Texas Instruments SN74LVCH245ADGVRG4 Datasheet HTML 5Page - Texas Instruments SN74LVCH245ADGVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVCH245ADGVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVCH245ADGVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVCH245ADGVRG4 Datasheet HTML 9Page - Texas Instruments SN74LVCH245ADGVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LVCH245A, SN74LVCH245A
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCES008O – JULY 1995 – REVISED DECEMBER 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVCH245A
FROM
TO
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
MIN
MAX
MIN
MAX
tpd
A or B
B or A
8
1
7
ns
ten
OE
A or B
9.5
1
8.5
ns
tdis
OE
A or B
8.5
1
7.5
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVCH245A
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
B or A
(1)
(1)
(1)
(1)
7.3
1.5
6.3
ns
ten
OE
A or B
(1)
(1)
(1)
(1)
9.5
1.5
8.5
ns
tdis
OE
A or B
(1)
(1)
(1)
(1)
8.5
1.7
7.5
ns
tsk(o)
1
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
(1)
(1)
47
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
(1)
(1)
2
(1)
This information was not available at the time of publication.
6


Similar Part No. - SN74LVCH245ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH245ADGVRG4 TI-SN74LVCH245ADGVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH245ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com