Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC245 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ALVC245
Description  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC245 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ALVC245_08 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ALVC245 Rev. 1.3.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
3. IO Absolute Maximum Rating must be observed, limited to 4.6V.
Recommended Operating Conditions(4)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
4. Floating or unused control inputs must be held HIGH or LOW.
Symbol
Parameter
Rating
VCC
Supply Voltage
−0.5V to +4.6V
VI
DC Input Voltage
−0.5V to 4.6V
VO
Output Voltage(3)
−0.5V to V
CC +0.5V
IIK
DC Input Diode Current, VI < 0V
−50mA
IOK
DC Output Diode Current, VO < 0V
−50mA
IOH/IOL
DC Output Source/Sink Current
±50mA
ICC or GND DC VCC or GND Current per Supply Pin
±100mA
TSTG
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Rating
VCC
Supply Voltage
1.65V to 3.6V
VI
Input Voltage
0V to VCC
VO
Output Voltage
0V to VCC
TA
Free Air Operating Temperature
−40°C to +85°C
∆V / ∆t
Minimum Input Edge Rate: VIN = 0.8V to 2.0V, VCC = 3.0V
10ns/V


Similar Part No. - 74ALVC245_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC245BQ NXP-74ALVC245BQ Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74ALVC245BQ NEXPERIA-74ALVC245BQ Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC245D PHILIPS-74ALVC245D Datasheet
83Kb / 13P
   Octal bus transceiver; 3-state
2003 Jul 10
74ALVC245D NXP-74ALVC245D Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74ALVC245D NEXPERIA-74ALVC245D Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results

Similar Description - 74ALVC245_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
F74ALVC16245 FAIRCHILD-F74ALVC16245 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com