Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC245 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ALVC245
Description  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC245 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ALVC245_08 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC245_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ALVC245 Rev. 1.3.0
January 2008
74ALVC245
Low Voltage Bidirectional Transceiver with 3.6V
Tolerant Inputs and Outputs
Features
1.65V to 3.6V VCC supply operation
3.6V tolerant inputs and outputs
Power-off high impedance inputs and outputs
Supports Live Insertion and Withdrawal(1)
tPD:
– 3.4ns max. for 3.0V to 3.6V VCC
– 3.9ns max. for 2.3V to 2.7V VCC
– 6ns max. for 1.65V to 1.95V VCC
Uses patented Quiet Series
 noise/EMI reduction
circuitry
Latchup conforms to JEDEC JED78
ESD performance:
– Human body model
> 2000V
– Machine model
> 200V
Note:
1. To ensure the high impedance state during power up
and power down, OEn should be tied to VCC through a
pull up resistor. The minimum value of the resistor is
determined by the current sourcing capability of the
driver.
General Description
The ALVC245 contains eight non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus
oriented applications. The T/R input determines the
direction of data flow. The OE input disables both the A
and B ports by placing them in a high impedance state.
The 74ALVC245 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O compatibility up to 3.6V.
The 74ALVC245 is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74ALVC245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ALVC245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74ALVC245_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC245BQ NXP-74ALVC245BQ Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74ALVC245BQ NEXPERIA-74ALVC245BQ Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC245D PHILIPS-74ALVC245D Datasheet
83Kb / 13P
   Octal bus transceiver; 3-state
2003 Jul 10
74ALVC245D NXP-74ALVC245D Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Nexperia B.V. All right...
74ALVC245D NEXPERIA-74ALVC245D Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results

Similar Description - 74ALVC245_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
F74ALVC16245 FAIRCHILD-F74ALVC16245 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com