Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS803RCXFRF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS803RCXFRF
Description  Microprocessor Reset Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS803RCXFRF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS803RCXFRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS803RCXFRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS803RCXFRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS803RCXFRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS803RCXFRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS803RCXFRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS803
Microprocessor Reset Circuit
2/6
Version: A07
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
<5
V
Operating Ambient Temperature Range
TA
-40 ~ +85
oC
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Thermal Resistance
Θjc
325
oC/W
Power Dissipation
PD
350
mW
Lead Soldering Temperature (260
oC)
TLEAD
10
S
Electrical Characteristics Ta=25oC, unless otherwise specified.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Input Supply Voltage
Ta=-40
oC~+85oC
VCC
1.0
--
5.5
V
VCC ≤ VTH * 1.1
--
--
3
Supply Current
VIN = 3V, Ta=-40
oC~+85oC
ICC
--
--
5
uA
Reset Threshold
VTH
0.985
|VTH|
--
1.015
|VTH|
V
Reset Threshold
(Full temperature range)
VTH
0.97
|VTH|
--
1.02
|VTH|
V
Reset Threshold
Temperature Coefficient
VTH
3-0
50
160
ppm/
oC
VCC to Reset Delay
VCC = VTH to (VTH - 100mV)
--
40
--
uS
Reset Active Timeout Period
Ta=-40
oC~+85oC
TDELAY
0.5
1.5
5
mS
RESET Output Voltage Low
VCC < VTH(MIN), ISINK =1.2mA,
VOL
--
--
0.5
V
VCC > VTH(MAX), ISOURCE =500uA
VCC > 1.8V
RESET Output Voltage High
VCC > VTH(MAX), ISOURCE =150uA,
1.8V >= VCC > 1V
VOH
0.8 VCC
--
--
V
Note 1: The data based on VTH = 2.7V part type.
Note 2: Guaranteed by Design


Similar Part No. - TS803RCXFRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS803RCXF TSC-TS803RCXF Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results

Similar Description - TS803RCXFRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com