Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS825CX5DRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS825CX5DRF
Description  Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS825CX5DRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS825CX5DRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS825CX5DRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS825CX5DRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS825CX5DRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS825CX5DRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS825CX5DRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS825CX5DRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS825CX5DRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS823/824/825 Series
Microprocessor Supervisory Circuit
with Watchdog Timer & Manual Reset
1/8
Version: B07
SOT-25
General Description
The TS823/824/825 family allows the user to customize the CPU monitoring function without any external
components. The user has a large choice of reset voltage thresholds and output driver configurations, all of which are
present ant the factory. Each wafer is trimmed to the customer’s specifications.
These circuits will ignore fast negative going transients on Vdd. The state of the reset output is guaranteed to be
correct down to 1V. After Vdd crosses above a factory present threshold, the TS823/824/825 assert a reset signal.
After a predetermined time (the “reset” interval) the reset is deasserted. If Vdd ever drops below the threshold voltage
a reset is asserted immediately. In addition to a supply monitoring function the TS823/824/825 also monitor transitions
at the watchdog (WDI) input. If a logic transition does not occur at the WDI pin within a certain time interval (the
“watchdog” interval) then a reset is asserted. The reset deasserts after the reset interval, as explained earlier.
The TS823/824/825 can both assert a reset manually by pulling the MR input to ground, and the micro-power
quiescent current make this family a natural for portable battery powered equipment.
Ordering Information
Note: x is the threshold voltage type, option as
A : 4.63V
B : 4.38V
D : 3.08V
E : 2.93V
F : 2.63V
G : 2.32V
H : 2.19V
Contact factory for additional voltage option
Part No.
Package
Packing
TS823CX5x RF
SOT-25
3Kpcs / 7” Reel
TS824CX5x RF
SOT-25
3Kpcs / 7” Reel
TS825CX5x RF
SOT-25
3Kpcs / 7” Reel
Features
Precision monitoring of +3V, +3.3V and +5V power
supply voltage
Tight voltage threshold tolerance +/-1.5%
Fully specified over temperature
210mS min. power-on reset pulse width
3uA(typ) supply current
Guaranteed reset valid to Vdd = +1V
Power supply transient immunity
No external components
Applications
Computers and Controllers
Embedded Controllers
Intelligent instruments
Critical uP monitoring
Portable / Battery powered equipment
Automotive Systems
Pin Descriptions
Function
TS823
TS824
TS825
RESET (Active-Low)
1
1
1
Ground
2
2
2
Manual Reset
3
-
4
(RESET) (Active-High)
-
3
3
Watchdog Input
4
4
-
Supply Voltage (Vdd)
5
5
5
Absolute Maximum Rating
Parameter
Symbol
Maximum
Unit
Supply Voltage
Vdd
6.0
V
Supply Voltage - Recommended
Vdd
0.9 ~ 5
V
Operating Junction Temperature Range
TOP
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Thermal Resistance
Θjc
256
oC/W
Maximum Lead Temperature (260
oC)
TLEAD
10
S
Notes: Stress above the listed absolute rating may cause permanent damage to the device.


Similar Part No. - TS825CX5DRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS825CX5D TSC-TS825CX5D Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results

Similar Description - TS825CX5DRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com