Electronic Components Datasheet Search |
|
M29W800AB120M6T Datasheet(PDF) 5 Page - STMicroelectronics |
|
M29W800AB120M6T Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 40 page 5/40 M29W800AT, M29W800AB DESCRIPTION The M29W800A is a non-volatile memory that may be erased electrically at the block or chip level and programmed in-system on a Byte-by-Byte or Word-by-Word basis using only a single 2.7V to 3.6V VCC supply. For Program and Erase opera- tions the necessary high voltages are generated internally. The device can also be programmed in standard programmers. The array matrix organisation allows each block to be erased and reprogrammed without affecting other blocks. Blocks can be protected against pro- graming and erase on programming equipment, and temporarily unprotected to make changes in the application. Each block can be programmed and erased over 100,000 cycles. Instructions for Read/Reset, Auto Select for read- ing the Electronic Signature or Block Protection status, Programming, Block and Chip Erase, Erase Suspend and Resume are written to the de- vice in cycles of commands to a Command Inter- face using standard microprocessor write timings. The device is offered in TSOP48 (12 x 20mm), SO44 and TFBGA48 0.8 mm ball pitch packages. Table 1. Signal Names Organisation The M29W800A is organised as 1M x8 or 512K x16 bits selectable by the BYTE signal. When BYTE is Low the Byte-wide x8 organisation is se- lected and the address lines are DQ15A–1 and A0-A18. The Data Input/Output signal DQ15A–1 acts as address line A–1 which selects the lower or upper Byte of the memory word for output on DQ0-DQ7, DQ8-DQ14 remain at High impedance. When BYTE is High the memory uses the address inputs A0-A18 and the Data Input/Outputs DQ0- DQ15. Memory control is provided by Chip Enable E, Output Enable G and Write Enable W inputs. A Reset/Block Temporary Unprotection RP tri-lev- el input provides a hardware reset when pulled Low, and when held High (at VID) temporarily un- protects blocks previously protected allowing them to be programed and erased. Erase and Program operations are controlled by an internal Program/ Erase Controller (P/E.C.). Status Register data output on DQ7 provides a Data Polling signal, and DQ6 and DQ2 provide Toggle signals to indicate the state of the P/E.C operations. A Ready/Busy RB output indicates the completion of the internal algorithms. Memory Blocks The devices feature asymmetrically blocked archi- tecture providing system memory integration. Both M29W800AT and M29W800AB devices have an array of 19 blocks, one Boot Block of 16 KBytes or 8 KWords, two Parameter Blocks of 8 KBytes or 4 KWords, one Main Block of 32 KBytes or 16 KWords and fifteen Main Blocks of 64 KBytes or 32 KWords. The M29W800AT has the Boot Block at the top of the memory address space and the M29W800AB locates the Boot Block starting at the bottom. The memory maps are showed in Tables 2 and 3. Each block can be erased separately, any combi- nation of blocks can be specified for multi-block erase or the entire chip may be erased. The Erase operations are managed automatically by the P/ E.C. The block erase operation can be suspended in order to read from or program to any block not being erased, and then resumed. Block protection provides additional data security. Each block can be separately protected or unpro- tected against Program or Erase on programming equipment. All previously protected blocks can be temporarily unprotected in the application. Bus Operations The following operations can be performed using the appropriate bus cycles: Read (Array, Electron- ic Signature, Block Protection Status), Write com- mand, Output Disable, Stan-by, Reset, Block Protection, Unprotection, Protection Verify, Unpro- tection Verify and Block Temporary Unprotection. See Table 5., Read Electronic Signature (follow- ing AS instruction or with A9 = VID) and Table 6., Read Block Protection with AS Instruction. A0-A18 Address Inputs DQ0-DQ7 Data Input/Outputs, Command Inputs DQ8-DQ14 Data Input/Outputs DQ15A–1 Data Input/Output or Address Input E Chip Enable G Output Enable W Write Enable RP Reset/Block Temporary Unprotect RB Ready/Busy Output BYTE Byte/Word Organization VCC Supply Voltage VSS Ground NC Not Connected Internally DU Don’t Use as Internally Connected |
Similar Part No. - M29W800AB120M6T |
|
Similar Description - M29W800AB120M6T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |