Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT42WS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42WS
Description  0.2W Surface Mount Flat Lead Fast Switching Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42WS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT42WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (BAT42WS / BAT43WS)
10
0
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
100
10
1.0
0.1
0.01
1000
0.1
1.0
10
100
0
200
400
600
800
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 2 Typical Forward Characteristics
T = -25ºC
A
T = 25ºC
A
T = 125ºC
A
T = 75ºC
A
0
0
20
40
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Forward Current Derating Curve
60
80
100
T = 125
°C
j
1.0
10
100
0
15
10
25
30
35
20
40
V , REVERSE VOLTAGE (V)
R
Fig. 4 Total Capacitance vs. Reverse Voltage
5.0
T = 25
°C
j
f = 1MHz
Version: A07


Similar Part No. - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diode Semiconductor Kor...
BAT42WS DSK-BAT42WS Datasheet
281Kb / 2P
   Schottky barrier diodes
logo
SeCoS Halbleitertechnol...
BAT42WS SECOS-BAT42WS Datasheet
172Kb / 2P
   0.2 AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
BAT42WS LUGUANG-BAT42WS Datasheet
291Kb / 3P
   Schottky Diodes
logo
Won-Top Electronics
BAT42WS WTE-BAT42WS Datasheet
30Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV19WS TSC-BAV19WS Datasheet
80Kb / 2P
   0.2W Surface Mount Flat Lead High Voltage Switching Diode
logo
Tak Cheong Electronics ...
BAT42WS TAK_CHEONG-BAT42WS Datasheet
129Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
BAT42W TAK_CHEONG-BAT42W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_14 Datasheet
204Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
SD101AW TSC-SD101AW_14 Datasheet
198Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355 Datasheet
209Kb / 2P
   0.2W Fast Switching Diodes
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
   Surface Mount Schottky Barrier Switching Diode 350mW
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355_V01 Datasheet
1Mb / 2P
   0.2W Fast Switching Diodes
BAV19WS LUGUANG-BAV19WS Datasheet
219Kb / 2P
   0.2W Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com