Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78L08ACLP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L08ACLP
Description  POSITIVE-VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L08ACLP Datasheet(HTML) 2 Page - Texas Instruments

  UA78L08ACLP Datasheet HTML 1Page - Texas Instruments UA78L08ACLP Datasheet HTML 2Page - Texas Instruments UA78L08ACLP Datasheet HTML 3Page - Texas Instruments UA78L08ACLP Datasheet HTML 4Page - Texas Instruments UA78L08ACLP Datasheet HTML 5Page - Texas Instruments UA78L08ACLP Datasheet HTML 6Page - Texas Instruments UA78L08ACLP Datasheet HTML 7Page - Texas Instruments UA78L08ACLP Datasheet HTML 8Page - Texas Instruments UA78L08ACLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
µA78L00 SERIES
POSITIVEVOLTAGE REGULATORS
SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TJ
VO(NOM)
(V)
OUTPUT
VOLTAGE
TOLERANCE
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
2.6 V
5%
SOIC (D)
Tube of 75
µA78L02ACD
78L02A
2.6 V
5%
TO-226/TO-92 (LP)
Bulk of 1000
µA78L02ACLP
78L02AC
SOIC (D)
Tube of 75
µA78L05ACD
78L05A
SOIC (D)
Reel of 2500
µA78L05ACDR
78L05A
5%
SOT-89 (PK)
Reel of 1000
µA78L05ACPK
F5
5%
TO-92 (LP)
Bulk of 1000
µA78L05ACLP
TO-92 (LP)
TO-226AA (LP)
Pack of 2000
µA78L05ACLPM
78L05AC
5 V
TO-226AA (LP)
Reel of 2000
µA78L05ACLPR
78L05AC
5 V
SOIC (D)
Tube of 75
µA78L05CD
78L05C
SOIC (D)
Reel of 2500
µA78L05CDR
78L05C
10%
SOT-89 (PK)
Tube of
µA78L05CPK
B5
10%
TO-92 (LP)
Bulk of 1000
µA78L05CLP
78L05C
TO-92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L05CLPR
78L05C
SOT-89 (PK)
Reel of 1000
µA78L06ACPK
F6
6.2 V
5%
TO-92 (LP)
Bulk of 1000
µA78L06ACLP
78L06AC
6.2 V
5%
TO-92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L06ACLPR
78L06AC
SOIC (D)
Tube of 75
µA78L08ACD
78L08A
SOIC (D)
Reel of 2500
µA78L08ACDR
78L08A
5%
SOT-89 (PK)
Reel of 1000
µA78L08ACPK
F8
0
°C to 125°C
8 V
5%
TO-92 (LP)
Bulk of 1000
µA78L08ACLP
78L08AC
0 C to 125 C
8 V
TO-92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L08ACLPR
78L08AC
10%
SOIC (D)
Tube of 75
µA78L08CD
78L08C
10%
SOIC (D)
Reel of 2500
µA78L08CDR
78L08C
SOIC (D)
Tube of 75
µA78L09ACD
78L09A
SOIC (D)
Reel of 2500
µA78L09ACDR
78L09A
9 V
5%
SOT-89 (PK)
Reel of 1000
µA78L09ACPK
F9
9 V
5%
TO-92 (LP)
Bulk of 1000
µA78L09ACLP
78L09AC
TO-92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L09ACLPR
78L09AC
SOIC (D)
Tube of 75
µA78L10ACD
78L10A
SOIC (D)
Reel of 2500
µA78L10ACDR
78L10A
10 V
5%
SOT-89 (PK)
Reel of 1000
µA78L10ACPK
FA
10 V
5%
TO-92 (LP)
Bulk of 1000
µA78L10ACLP
78L10AC
TO-92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L10ACLPR
78L10AC
SOIC (D)
Tube of 75
µA78L12ACD
78L12A
SOIC (D)
Reel of 2500
µA78L12ACDR
78L12A
12 V
5%
SOT-89 (PK)
Reel of 1000
µA78L12ACPK
FC
12 V
5%
TO-92 (LP)
Bulk of 1000
µA78L12ACLP
TO-92 (LP)
TO-226AA (LP)
Pack of 2000
µA78L12ACLPM
78L12AC
TO-226AA (LP)
Reel of 2000
µA78L12ACLPR
78L12AC
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.


Similar Part No. - UA78L08ACLP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L08ACLP TI-UA78L08ACLP Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLP TI-UA78L08ACLP Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L08ACLP TI-UA78L08ACLP Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLP TI-UA78L08ACLP Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L08ACLP TI-UA78L08ACLP Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78L08ACLP

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com