Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5315 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5315
Description  Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5315 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5315 Datasheet HTML 1Page - Anpec Electronics Coropration APL5315 Datasheet HTML 2Page - Anpec Electronics Coropration APL5315 Datasheet HTML 3Page - Anpec Electronics Coropration APL5315 Datasheet HTML 4Page - Anpec Electronics Coropration APL5315 Datasheet HTML 5Page - Anpec Electronics Coropration APL5315 Datasheet HTML 6Page - Anpec Electronics Coropration APL5315 Datasheet HTML 7Page - Anpec Electronics Coropration APL5315 Datasheet HTML 8Page - Anpec Electronics Coropration APL5315 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2007
APL5315
www.anpec.com.tw
4
Typical Operating Characteristics
Quiescent Current vs. Supply Voltage
Quiescent Current vs. Junction Temperature
Quiescent Current vs. Output Current
PSRR vs. Frequency
Dropout Voltage vs. Output Current
Dropout Voltage vs. Output Current
1000
10000
100000
1000000
Frequency (Hz)
-60
-50
-40
-30
-20
-10
0
V
IN=3.3V, VOUT=1.2V
C
IN=1µF, COUT=2.2µF
I
OUT=300mA
Output Current, I
OUT (mA)
0
50
100
150
200
250
300
0
100
200
300
V
OUT=2.5V
T
J=-50°
C
T
J=75°
C
T
J=25°
C
T
J=0°
C
T
J=125°
C
Output Current, I
OUT (mA)
V
OUT=3.3V
0
100
200
300
0
50
100
150
200
250
T
J=-50°
C
T
J=0°
C
T
J=25°
C
T
J=125°
C
T
J=75°
C
Supply Voltage, V
IN (V)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
I
OUT= 0mV
Junction Temperature, T
J
C)
102
104
106
108
110
112
114
-50
-25
0
25
50
75
100
125
60
80
100
120
140
160
180
0
50
100
150
200
250
300
Output Current, I
OUT (mA)
V
IN=5.5V
V
IN=4.5V


Similar Part No. - APL5315

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL531512BI-TRG ANPEC-APL531512BI-TRG Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL531512BI-TRL ANPEC-APL531512BI-TRL Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
More results

Similar Description - APL5315

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR2125 UTC-LR2125_15 Datasheet
350Kb / 8P
   SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5327 ANPEC-APL5327 Datasheet
368Kb / 14P
   Adjustable Low Dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com