Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM894051L25 Datasheet(PDF) 7 Page - SyncMOS Technologies,Inc

Part # SM894051L25
Description  8-Bits Micro-controller With 4KB Flash ROM embedded
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM894051L25 Datasheet(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM894051L25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM894051L25 Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SyncMOS Technologies International, Inc.
SM894051
8-Bits Micro-controller
With 4KB Flash ROM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM894051
V1.4
09 /2006
7
ICC Active Mode Test Circuit:
S M 894 051
Ic c
Vc c
Vs s
NC
C l oc k S i g na l
AC Characteristic
VCC=3.3V
±10%, VSS=0V, tclk min = 1/ fmax(maximum operating frequency)
TA= -40
to +85
℃℃
Symbol
FIGURE
PARAMETER
MIN
MAX
UNIT
External Clock drive into XTAL1
tCLK
4
Xtal1 Period
40(Note1)
-
ns
tCLKH
4
Xtal1 HIGH time
20
-
ns
tCLKL
4
Xtal1 LOW time
20
-
ns
tCLKR
4
XTAL1 rise time
-
10
ns
tLLIV
4
XTAL1 fall time
-
10
ns
tCYC
4
Controller cycle time = tCLK / 12
3.33
-
ns
NOTES:
1.
Operating at 25MHz.
Symbol
FIGURE
PARAMETER
MIN
MAX
UNIT
UART
tXLXL
5
Serial port clock time
12tCLK
ns
tQVXH
5
Output data setup to clock rising edge
10tCLK-133
ns
tXHQX
5
Output data hold after clock rising edge
2tCLK-117
ns
tXHDX
5
Input data hold after clock rising edge
0
ns
tXHDV
5
Clock rising edge to input data valid
10tCLK-133
ns
Test Points
2.0V
0.8V
0.8V
2.0V
Notes:
AC inputs during testing are driven at 2.4V for logic
“HIGH” and 0.45V for logic “LOW”. Timing
measurements are at 2.0V for logic “HIGH” and 0.8V
Figure 4 AC Testing Input/Output


Similar Part No. - SM894051L25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results

Similar Description - SM894051L25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com