Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ157 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LVQ157
Description  LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ157 Datasheet(HTML) 2 Page - STMicroelectronics

  74LVQ157 Datasheet HTML 1Page - STMicroelectronics 74LVQ157 Datasheet HTML 2Page - STMicroelectronics 74LVQ157 Datasheet HTML 3Page - STMicroelectronics 74LVQ157 Datasheet HTML 4Page - STMicroelectronics 74LVQ157 Datasheet HTML 5Page - STMicroelectronics 74LVQ157 Datasheet HTML 6Page - STMicroelectronics 74LVQ157 Datasheet HTML 7Page - STMicroelectronics 74LVQ157 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUT
OUT PUT
STROBE
SELE CT
A
B
Y
H
X
XXL
LLLX
L
LL
H
X
H
LH
X
L
L
LH
X
H
H
X:”H” or ”L”
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC orIGND
DC VCC or Ground Current
± 200
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage (note 1)
2 to 3.6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature:
-40 to +85
oC
dt/dv
Input Rise and Fall Time (VCC = 3V) (note 2)
0 to 10
ns/V
1) Truth Table guaranteed: 1.2V to 3.6V
2) VIN from 0.8V to 2V
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCT ION
1
SELECT
Common Data Select Input
2, 5, 11, 14
1A to 4A
Data Inputs From
Source A
3, 6, 10, 13
1B to 4B
Data Inputs From
Source B
4, 7,9, 12
1Y to 4Y
Multiplexer Outputs
15
STROBE
Strobe Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
74LVQ157
2/8


Similar Part No. - 74LVQ157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
74LVQ157MTR STMICROELECTRONICS-74LVQ157MTR Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74LVQ157SC FAIRCHILD-74LVQ157SC Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
More results

Similar Description - 74LVQ157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157_04 Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
74LVX157 FAIRCHILD-74LVX157 Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
   Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157_01 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com