Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1612BXI01 Datasheet(PDF) 7 Page - Winbond

Part # ISD1612BXI01
Description  Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1612BXI01 Datasheet(HTML) 7 Page - Winbond

Back Button ISD1612BXI01 Datasheet HTML 3Page - Winbond ISD1612BXI01 Datasheet HTML 4Page - Winbond ISD1612BXI01 Datasheet HTML 5Page - Winbond ISD1612BXI01 Datasheet HTML 6Page - Winbond ISD1612BXI01 Datasheet HTML 7Page - Winbond ISD1612BXI01 Datasheet HTML 8Page - Winbond ISD1612BXI01 Datasheet HTML 9Page - Winbond ISD1612BXI01 Datasheet HTML 10Page - Winbond ISD1612BXI01 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISD1600B SERIES
Publication Release Date: Jan. 23, 2007
- 7 -
Revision 1.2
5. PIN DESCRIPTION
SOIC / PDIP
PIN NAME
PIN NO.
FUNCTIONS
VSSD
1
Digital Ground
: VSSD is the ground for digital circuits. It is
important to have a separate path for each ground back to
the system ground terminal to minimize noise.
REC
2
Record
: The device starts recording whenever REC
transits from High to Low and stays at Low. Recording stops
when the signal returns to High. This pin has an internal
pull-up resistor
[1] and an internal debounce on falling edge.
PLAYE
3
Edge-trigger Playback
: A playback operation starts when
this input detects a low going signal exceeding the specified
debounced time. This pin has an internal pull-up resistor
[1]
and an internal debounce on both falling & rising edge.
PLAYL
4
Level-trigger Playback
: A playback operation begins when
this input detects a low going signal and remains at Low.
Playback stops when the signal returns to High. This pin has
an internal pull-up resistor
[1] and an internal debounce on
falling edge.
VSSA
5
Analog Ground
: VSSA is the ground for analog circuits. It is
important to have a separate path for each ground back to
the system ground terminal to minimize noise.
MIC+
6
Microphone Positive Input
: The input transfers the signal
to the preamplifier. The internal Automatic Gain Control
(AGC) circuit controls the gain of the preamplifier. An
external microphone should be AC coupled to this pin via a
series capacitor. The capacitor value, together with an
internal 10 KΩ resistance on this pin, determines the low-
frequency cutoff for the ISD1600B passband.
MIC-
7
Microphone Negative Input
: This is the inverting input to
the microphone preamplifier. It provides input noise-
cancellation,
or
common-mode
rejection,
when
the
microphone is connected differentially to the device.
SP-
8
Speaker Negative
: The SP-, Class D PWM output,
provides a differential output with SP+ pin to drive 8Ω
speaker or buzzer. During power down or recording, this pin
is tri-stated.
VSSP
9
PWM Ground
: VSSP is the ground for PWM speaker driver.
It is important to have a separate path for each ground back
to the system ground terminal to minimize noise.


Similar Part No. - ISD1612BXI01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1612BXYI NUVOTON-ISD1612BXYI Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
More results

Similar Description - ISD1612BXI01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com