Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G58DBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1G58DBVRG4
Description  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G58DBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G58DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G58DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G58DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G58DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G58DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G58DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G58DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G58DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G58DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FEATURES
YZP OR YZTPACKAGE
(BOTTOMVIEW)
Seemechanicaldrawingsfordimensions.
GND
ln1
ln0
ln2
V
CC
Y
GND
ln1
ln0
ln2
V
CC
Y
GND
ln1
ln0
ln2
V
CC
Y
GND
ln1
ln0
ln2
V
CC
Y
DRY PACKAGE
(TOP VIEW)
GND
ln1
ln0
ln2
V
CC
Y
6
5
4
2
3
1
PR
EV
IE
W
YFP PACKAGE
(BOTTOMVIEW)
GND
ln1
ln0
ln2
V
CC
Y
PR
EV
IE
W
DESCRIPTION/ORDERING INFORMATION
SN74AUP1G58
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES504H – NOVEMBER 2003 – REVISED DECEMBER 2007
www.ti.com
2
• Available in the Texas Instruments NanoFree™
• 3.6-V I/O Tolerant to Support Mixed-Mode
Packages
Signal Operation
• Low Static-Power Consumption
• t
pd = 5.5 ns Max at 3.3 V
(ICC = 0.9 µA Max)
• Suitable for Point-to-Point Applications
• Low Dynamic-Power Consumption
• Latch-Up Performance Exceeds 100 mA Per
(Cpd = 4.6 pF Typ at 3.3 V)
JESD 78, Class II
• Low Input Capacitance (C
i = 1.5 pF Typ)
• ESD Performance Tested Per JESD 22
• Low Noise – Overshoot and Undershoot <10%
2000-V Human-Body Model
of VCC
(A114-B, Class II)
• I
off Supports Partial-Power-Down Mode
200-V Machine Model (A115-A)
Operation
1000-V Charged-Device Model (C101)
• Includes Schmitt-Trigger Inputs
• ESD Protection Exceeds ±5000 V With
• Wide Operating V
CC Range of 0.8 V to 3.6 V
Human-Body Model
• Optimized for 3.3-V Operation
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity,
which produces very low undershoot and overshoot characteristics.
The SN74AUP1G58 features configurable multiple functions. The output state is determined by eight patterns of
3-bit input. The user can choose the logic functions AND, OR, NAND, NOR, XNOR, inverter, and noninverter. All
inputs can be connected to VCC or GND.
The device functions as an independent gate with Schmitt-trigger inputs, which allow for slow input transition and
better switching noise immunity at the input.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2003–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP1G58DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G58DBVRG4 TI-SN74AUP1G58DBVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74AUP1G58DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com