Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83782G Datasheet(PDF) 10 Page - Winbond

Part # W83782G
Description  H/W MONITORING IC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83782G Datasheet(HTML) 10 Page - Winbond

Back Button W83782G Datasheet HTML 6Page - Winbond W83782G Datasheet HTML 7Page - Winbond W83782G Datasheet HTML 8Page - Winbond W83782G Datasheet HTML 9Page - Winbond W83782G Datasheet HTML 10Page - Winbond W83782G Datasheet HTML 11Page - Winbond W83782G Datasheet HTML 12Page - Winbond W83782G Datasheet HTML 13Page - Winbond W83782G Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
W83782D/W83782G
Publication Release Date: April 14, 2005
- 7 -
Revision 2.0
Configuration Register
40h
SMI# Status/Mask Registers
41h, 42h, 44h, 45h
VID<3:0>/Fan Divisor Register
47h
Serial Bus Address
48h
Monitor Value Registers
20h~3Fh
and
60h~7Fh (auto-increment)
VID<4>/Device ID
49h
Temperature 2, 3 Serial
Bus Address
4Ah
Control Register
4Bh~4Dh
Select Bank for 50h~5Fh Reg.
4Eh
Winbond Vendor ID
4Fh
BANK 0
R-T Table Value
BEEP Control Register
Winbond Test Register
50h~58h
BANK 1
Temperature 2 Control/Staus
Registers
50h~56h
BANK 2
Temperature 3 Control/Staus
Registers
50h~56h
Data
Register
Port 6h
Port 5h
Index
Register
ISA
Data
Bus
ISA
Address
Bus
BANK 4
Additional Control/Staus
Registers
50h~5Ch
BANK 5
Additional Limit Value &
Value RAM
50h~57h
Figure 1. ISA interface access diagram


Similar Part No. - W83782G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83782 WINBOND-W83782 Datasheet
387Kb / 44P
   MONITORING IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
More results

Similar Description - W83782G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com